データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GL10-R3712

  • AI
    The **GL10-R3712** is a high-performance photoelectric proximity sensor from SICK’s G10 product family. It is specifically designed for industrial automation tasks, utilizing a retro-reflective sensing principle. --- ### 1. Key Technical Specifications The following table highlights the core electronic and operational parameters of the GL10-R3712: | Feature | Specification | | :--- | :--- | | **Sensing Principle** | Photoelectric retro-reflective sensor | | **Sensing Range** | 0.08 m ... 15 m (with PL80A reflector) | | **Supply Voltage** | 24 V AC/DC ... 240 V AC/DC | | **Switching Output** | Relay, SPDT (Single Pole Double Throw) | | **Switching Mode** | Light/dark switching (selectable via wiring) | | **Response Time** | ≤ 10 ms | | **Connection Type** | Cable, 5-wire, 2 m | | **Light Source** | PinPoint LED (Red light) | --- ### 2. Internal Electronic Components The device integrates several sophisticated electronic modules to ensure reliability in harsh environments: * **PinPoint LED Technology:** Unlike standard LEDs, the PinPoint LED produces a small, precise, and intense light spot. This makes alignment easier and allows for higher detection accuracy of small objects. * **Universal Power Supply:** One of the standout electronic features is its wide-range power input. It can handle both AC and DC voltages (24V to 240V), making it versatile for different global power standards. * **Relay Output (Electromechanical):** Instead of a transistor output (PNP/NPN), this model uses a physical relay. This allows it to switch higher current loads directly, though it has a slower response time (10ms) compared to solid-state sensors. * **Optical Filter:** It includes a polarizing filter that prevents "false trips" caused by shiny or reflective objects (like mirrors or stainless steel) that are not the intended target. --- ### 3. Wiring Diagram (5-Wire Cable) The electronic connection follows a standard color-coding scheme for relay-based sensors: ```text Brown (L1) ---- [ L+ / AC Live ] Blue (N) ---- [ M / AC Neutral ] White (Common)-- [ Relay Common ] Black (NO) ---- [ Normally Open Contact ] Grey (NC) ---- [ Normally Closed Contact ] ``` --- ### 4. Environmental & Protection Electronics * **Enclosure Rating:** IP67 (Dust-tight and protected against immersion). * **Protection Circuits:** Integrated interference suppression and reverse polarity protection (on the supply side). * **EMC Standards:** Compliant with EN 60947-5-2, ensuring the electronics are shielded against electromagnetic interference from nearby motors or drives.
    ✨ Follow-up Questions
    • ⤷What is the difference between the GL10-R3711 and GL10-R3712 models?
    • ⤷ Which reflectors are recommended for maximum range with this sensor?
    • ⤷ Can this sensor be used for high-speed counting applications?