データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GMA-125-R

  • AI
    ## Overview of the GMA-125-R The **GMA-125-R** is a specific model of electronic fuse within the **GMA series**. It is a glass-tube, fast-acting, subminiature fuse used to protect electronic circuits from overcurrent conditions. ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the GMA-125-R: | Characteristic | Specification | | :--- | :--- | | **Current Rating** | 125mA (0.125 Amps) | | **Voltage Rating (AC)** | 250V | | **Fuse Type** | Fast-Acting (Fast Blow) | | **Body Material** | Glass Tube | | **End Cap Material** | Nickel-plated Brass | | **Dimensions** | 5mm x 20mm | | **Interrupt Rating** | 35A @ 250Vac / 10,000A @ 125Vac | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### Key Component Details #### 1. Fast-Acting Response The "Fast-Acting" nature means this fuse is designed to open (blow) very quickly when the current exceeds its 125mA rating. It does not tolerate brief surges or inductive "inrush" currents, making it ideal for sensitive digital components or instruments where even a momentary spike could cause damage. #### 2. The "-R" Suffix In the electronics industry (specifically for manufacturers like Eaton/Bussmann), the **-R** suffix signifies that the part is **RoHS (Restriction of Hazardous Substances) Compliant**. This means it is manufactured without lead, mercury, cadmium, or other specific hazardous materials. #### 3. Physical Form Factor The **5x20mm** size is an industry-standard "miniature" fuse size. It is smaller than the standard 6x32mm (1/4" x 1-1/4") fuses often found in North American automotive or heavy industrial applications. --- ### Common Applications Due to its low amperage and fast response time, the GMA-125-R is typically found in: * **Medical Equipment:** Protecting sensitive diagnostic sensors. * **Testing Instruments:** Multimeters and oscilloscopes. * **Consumer Electronics:** Power supply protection for small appliances. * **Control Circuits:** Protecting low-voltage logic boards. --- ### Comparison with Slow-Blow Fuses It is important not to confuse the **GMA** (Fast-Acting) with the **GMC** or **GMD** series (Medium/Time-Delay). ```text GMA-125-R: Blows instantly if current hits ~200mA. GMC-125-R: Can withstand 200mA for a few seconds before blowing. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a glass tube and a ceramic tube fuse in this series?
    • ⤷ How do I test a GMA-125-R fuse using a multimeter?
    • ⤷ Can I replace a 125mA fuse with a 250mA fuse safely?