データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GMD-1.2-R

  • AI
    The **GMD-1.2-R** typically refers to a high-performance **Micro-Step Motor Driver** or a specific industrial controller module (often associated with brands like Leadshine or specialized CNC equipment). Below is a breakdown of the electronic components and technical specifications common to this series. --- ### 1. Core Technical Specifications The electronics of the GMD-1.2-R are designed to handle high-voltage inputs and convert them into precise mechanical motion via Pulse Width Modulation (PWM). | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 18 - 40V DC | | **Output Current** | 0.3A - 1.2A (Peak) | | **Micro-step Resolution** | Up to 12,800 steps/rev (or 64 divisions) | | **Pulse Frequency** | Up to 200 kHz | | **Control Signal** | 5V / 24V Compatible | --- ### 2. Primary Electronic Sub-systems #### A. Power Stage (H-Bridge) The heart of the GMD-1.2-R is a dual **H-Bridge** circuit, usually utilizing MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors). - **Function:** These transistors switch the polarity of the current sent to the stepper motor coils to create rotation. - **Protection:** Includes integrated "Flyback Diodes" to protect the circuit from inductive voltage spikes generated by the motor. #### B. The Logic Controller (MCU/DSP) Modern versions of these drivers use a **Digital Signal Processor (DSP)** or a high-speed Microcontroller (MCU). - **Function:** It calculates the current ramping and manages the micro-stepping algorithm. - **Anti-Resonance:** The electronic logic includes algorithms to suppress mid-range instability and noise. #### C. Optoisolators (Input Circuitry) To protect the main controller (like an Arduino, PLC, or CNC board), the input pins (Pulse, Direction, Enable) are **Optically Isolated**. - **Mechanism:** The incoming electrical signal triggers an internal LED, which is picked up by a photosensor. There is no physical electrical connection between the control signal and the high-power motor circuit. --- ### 3. Interface and Configuration Parts | Component | Description | | :--- | :--- | | **DIP Switches** | A bank of 6–8 small switches used to set the Current (Amperes) and the Micro-step resolution. | | **Terminal Blocks** | Screw-down connectors for Power (VCC/GND), Motor Phases (A+/A-, B+/B-), and Logic signals. | | **Status LEDs** | Usually a Green LED (Power/Running) and a Red LED (Fault/Over-current). | | **Potentiometer** | (In some sub-models) Used for manual tuning of current or smoothing the motor movement. | --- ### 4. Circuit Protection Features The internal electronics are equipped with several fail-safes: 1. **Over-Voltage Protection:** Shuts down the driver if the input voltage exceeds the safety threshold (e.g., 45V). 2. **Over-Current Protection:** Prevents the MOSFETs from burning out if the motor phases are short-circuited. 3. **Thermal Shutdown:** A thermistor monitors the internal temperature, disabling the output if the heat sink becomes too hot. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the correct DIP switch settings for a 1.2A motor?
    • ⤷ What is the difference between the 'R' suffix and standard GMD-1.2 models?
    • ⤷ Can this driver be used with 3-phase stepper motors or only 2-phase?