データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS-R218

  • AI
    ## Overview of the GS-R218 The **GS-R218** is a high-efficiency, step-down (buck) switching voltage regulator module. It is part of the GS-R series designed by STMicroelectronics, primarily used for industrial and professional electronic applications where high reliability and substantial current output are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 46V DC | | **Output Voltage** | 5.1V DC | | **Output Current** | 1.8A (Continuous) | | **Efficiency** | Up to 85% | | **Switching Frequency** | ~100 kHz | | **Package Style** | SIP (Single In-line Package) or DIP-like module | --- ### 2. Internal Electronic Components The module is not a single IC but a hybrid circuit containing several critical components encapsulated within its housing: * **Switching Controller:** A dedicated PWM (Pulse Width Modulation) controller that regulates the duty cycle to maintain a steady output. * **Power MOSFET:** A high-speed power transistor that handles the switching of the input voltage. * **Schottky Diode:** Used for commutation (freewheeling) to provide a path for the current when the MOSFET is off. * **Inductor:** A high-quality coil used for energy storage and smoothing the current pulses. * **Filter Capacitors:** Internal ceramic or electrolytic capacitors used to reduce input and output ripple. --- ### 3. Pin Configuration and Functions The GS-R218 typically features a simple pinout for easy integration: 1. **Input (+Vi):** The unregulated DC input voltage (9V - 46V). 2. **Ground (GND):** Common return path for both input and output. 3. **Output (+Vo):** Regulated 5.1V DC output. 4. **Inhibit (Optional):** Some versions include an inhibit pin to turn the module on/off via logic levels. 5. **Reset (Optional):** A signal output that triggers if the voltage drops below a certain threshold (useful for microprocessors). --- ### 4. Critical Protection Features The GS-R218 is highly regarded because of its robust internal protection circuitry: * **Short Circuit Protection:** The module limits current and shuts down if the output is shorted to ground. * **Thermal Shutdown:** If the internal temperature exceeds safe limits, the module stops switching to prevent physical damage. * **Overvoltage Protection:** Protects sensitive loads from spikes in the input voltage. * **Soft Start:** Gradually increases the output voltage during power-up to prevent in-rush current spikes. --- ### 5. Application Example The module is commonly used as a pre-regulator for logic circuits (TTL/CMOS) in industrial environments. ```python # Conceptual Logic for a System Monitoring the GS-R218 def check_system_power(input_v, output_v): if input_v < 9.0: return "Input Voltage Under Limit" if output_v > 5.2 or output_v < 5.0: return "Regulation Error" return "System Stable" ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the GS-R218 at maximum load?
    • ⤷ Can the GS-R218 be used in parallel to increase output current?
    • ⤷ What is the specific ripple voltage expected at the 5.1V output?