データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS-R24F

  • AI
    The **GS-R24F** is a high-performance, high-current step-down (buck) switching regulator module, historically manufactured by STMicroelectronics. It is part of the GS-R family, designed to provide a stable DC output from a higher DC input voltage with high efficiency. --- ### ## Technical Specifications The GS-R24F is known for its "Family" architecture, where "24" typically denotes the power rating or specific voltage characteristics, and "F" indicates the output configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Step-Down (Buck) Switching Regulator | | **Input Voltage Range** | 9V to 40V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 4A (Continuous) | | **Efficiency** | Up to 80% - 90% | | **Switching Frequency** | ~100 kHz | | **Protection** | Short-circuit and Thermal Protection | --- ### ### Core Electronic Components The GS-R24F is a "Power Module," meaning several discrete electronic parts are integrated into a single shielded package: 1. **Switching Controller IC:** The "brain" that uses Pulse Width Modulation (PWM) to regulate the output voltage by rapidly turning the input on and off. 2. **Power MOSFET:** A high-speed transistor that acts as the switch. In the GS-R24F, this is integrated to handle high current (up to 4A) with low heat dissipation. 3. **Power Inductor:** A large coil used to store energy in a magnetic field during the "on" cycle and release it to the load during the "off" cycle. 4. **Schottky Diode:** Acts as a "freewheeling" diode to provide a path for the current when the MOSFET switch is open. 5. **Filter Capacitors:** Internal electrolytic or ceramic capacitors used to smooth the input and output ripples. --- ### ### Pinout Configuration The module typically features a multi-pin SIP (Single In-line Package) or similar vertical mounting structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2 | **Vin** | Unregulated DC Input Voltage | | 3, 4 | **Ground** | Common Negative/Return Path | | 5, 6, 7 | **Vout** | Regulated 5V DC Output | | 8 | **Inhibit** | (Optional) Remote ON/OFF control | --- ### ### Key Advantages * **Heat Management:** Unlike linear regulators (like the LM7805), the GS-R24F does not dissipate wasted energy as pure heat, allowing it to provide 4A of current without a massive heatsink. * **Shielding:** The metal casing provides Electro-Magnetic Interference (EMI) shielding, making it suitable for sensitive industrial equipment. * **Ease of Use:** It requires very few external components (usually just an input and output capacitor) to function.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitor values for the GS-R24F?
    • ⤷ How does the 'Inhibit' pin function in a control circuit?
    • ⤷ Are there modern drop-in replacements for the discontinued ST GS-R series?