GS-R24FP
AI

The **GS-R24FP** is a high-performance, high-current step-down (buck) voltage regulator module manufactured by STMicroelectronics. It belongs to the "Family of Power Modules" designed to simplify power supply design by integrating complex circuitry into a single package.
---
## 1. Core Specifications
The GS-R24FP is essentially a DC-DC converter capable of delivering significant power with high efficiency.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 40V DC |
| **Output Voltage** | 5.1V (Fixed) |
| **Output Current** | 4.0 Amperes (Max) |
| **Efficiency** | Up to 90% |
| **Switching Frequency** | ~100 kHz |
| **Package Type** | Metal or Plastic SIP (Single In-line Package) |
---
## 2. Internal Electronic Components
The "magic" of the GS-R24FP lies in what is integrated inside the module. It replaces a dozen discrete components with a single unit:
### A. The Control IC
The heart of the module is usually based on the **L6420** or a similar PWM (Pulse Width Modulation) controller. This IC monitors the output voltage and adjusts the duty cycle of the switching transistor to maintain a steady 5.1V.
### B. Power Switching Element
It contains an internal **Power MOSFET**. This transistor switches on and off thousands of times per second to "chop" the input voltage, which is the fundamental mechanism of a switching regulator.
### C. Power Inductor
Unlike linear regulators, the GS-R24FP includes a high-quality internal inductor. This component stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle to provide a smooth current flow.
### D. Protection Circuitry
The module integrates several safety layers:
* **Short Circuit Protection:** Limits current if the output is shorted.
* **Thermal Shutdown:** Shuts the unit down if internal temperatures exceed safe limits.
* **Soft Start:** Gradually increases voltage during power-up to prevent current spikes.
---
## 3. Typical Application Schematic
To use the GS-R24FP, very few external components are required. Usually, only input and output filter capacitors are needed.
```text
Input (9-40V) ----[ C1 ]----( Pin 1: Vi )
( Pin 2: GND )---- Ground
Output (5.1V) ----[ C2 ]----( Pin 3: Vo )
```
* **C1 (Input Capacitor):** Typically 100µF to stabilize the input.
* **C2 (Output Capacitor):** Typically 220µF to reduce output ripple.
---
## 4. Key Advantages
1. **Heat Management:** Because it is a switching regulator (not linear), it generates very little heat even when dropping 40V down to 5V.
2. **Space Saving:** The integration of the inductor saves significant PCB real estate.
3. **Reliability:** Metal casing options provide excellent EMI (Electromagnetic Interference) shielding.
- ⤷
What are the pinout configurations for the GS-R24FP?
- ⤷ How does the GS-R24FP compare to the LM7805 linear regulator?
- ⤷ Can the output voltage of the GS-R24FP be adjusted?