データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS-R24P

  • AI
    The **GS-R24P** is a high-performance **Step-Down Switching Regulator** (DC-DC Converter) module produced by STMicroelectronics. It is designed to provide a regulated 24V output from a higher DC input voltage, characterized by its compact size and high efficiency compared to linear regulators. --- ## 1. Key Technical Specifications The "P" in the model name typically denotes a specific power rating or package variant within the GS-R series. Below are the primary electronic characteristics: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 28V to 46V DC | | **Output Voltage** | 24V DC | | **Output Current** | 2A (Continuous) | | **Efficiency** | ~90% (Typical) | | **Switching Frequency** | ~100 kHz | | **Package Type** | Vertical or Horizontal SIP (Single In-line Package) | --- ## 2. Internal Electronic Components & Design The GS-R24P is a **hybrid module**, meaning it integrates several discrete components into a single encapsulated unit to simplify PCB design. ### A. Power Controller (PWM) The heart of the module is a Pulse Width Modulation (PWM) controller. It monitors the output voltage and adjusts the duty cycle of the high-frequency switch to maintain a steady 24V, even if the input voltage fluctuates. ### B. Power MOSFET Unlike older regulators that use bipolar transistors, the GS-R24P utilizes a low-resistance **Power MOSFET** as the primary switching element. This reduces heat dissipation and increases energy efficiency. ### C. The Power Inductor The module contains an internal inductor. During the "ON" phase of the switch, energy is stored in the magnetic field of this inductor. During the "OFF" phase, this energy is released to the load, ensuring a continuous current flow. ### D. Integrated Protection Circuitry The module includes built-in safety features: * **Short Circuit Protection:** Limits current if the output is shorted. * **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits. * **Overvoltage Protection:** Prevents the output from spiking and damaging the load. --- ## 3. Pinout Configuration The GS-R24P generally follows a standard 3-pin or 5-pin layout depending on the specific revision: 1. **Vi (Input):** Unregulated DC input. 2. **GND (Ground):** Common return path. 3. **Vo (Output):** Regulated 24V output. 4. *(Optional)* **Reset/Inhibit:** Used for remote sequencing or enabling the device. --- ## 4. Application Usage Because of its high efficiency and 24V output, it is commonly found in: * **Industrial Automation:** Powering PLCs and sensors. * **Telecommunications:** Converting high-voltage bus lines to logic levels. * **Robotics:** Handling motor drive logic power requirements.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the GS-R24P at full 2A load?
    • ⤷ Can the GS-R24P be used in parallel to increase output current?
    • ⤷ What is the minimum voltage differential (dropout) required for stable 24V output?