データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS-R51212

  • AI
    ## Overview of the GS-R51212 The **GS-R51212** is a specialized high-power DC-DC converter module, part of the GS-R family originally developed by STMicroelectronics. It is a "Triple Output" step-down (buck) switching regulator designed to provide stable voltage rails for microprocessor systems and industrial electronics. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 40V DC | | **Output 1 (V1)** | +5.1V @ 3.5A | | **Output 2 (V2)** | +12V @ 0.15A | | **Output 3 (V3)** | -12V @ 0.15A | | **Efficiency** | ~75% to 80% | | **Package Type** | Metal or Plastic SIP (Single In-line Package) | | **Isolation** | Non-isolated | --- ### Key Electronic Components & Functions The GS-R51212 is a "thick-film" hybrid circuit, meaning it integrates several components into a single module to save PCB space: 1. **Switching Regulator IC:** The heart of the module is usually a PWM (Pulse Width Modulation) controller that manages the high-speed switching of the input voltage to maintain a steady output. 2. **Internal Inductors:** Unlike standard ICs, this module contains internal magnetic components (coils) used to store energy during the conversion process, which minimizes electromagnetic interference (EMI). 3. **Charge Pump / Auxiliary Windings:** To generate the dual $\pm12V$ rails from a single positive input, the module uses internal circuitry (often auxiliary windings on the main transformer or a charge pump) to derive the secondary voltages. 4. **Protection Circuitry:** * **Short Circuit Protection:** Automatically shuts down if the output is shorted. * **Thermal Shutdown:** Protects the module from overheating under heavy loads. * **Current Limiting:** Prevents damage from overcurrent conditions. --- ### Pin Configuration (Common Layout) The module typically features 9 to 11 pins. While you should always consult the specific datasheet for your version, the standard functional layout is: * **Pin 1:** +Vin (Input Voltage) * **Pin 2:** Input Ground * **Pin 3:** Output Ground * **Pin 4:** +5.1V Output * **Pin 5:** Reset (Logic signal for system status) * **Pin 6:** +12V Output * **Pin 7:** -12V Output --- ### Typical Applications * **Industrial Automation:** Powering PLCs and sensors requiring both logic (5V) and analog ($\pm12V$) voltages. * **Telecommunications:** Used in rack-mounted hardware. * **Legacy Computing:** Providing power to boards that require bipolar voltages for Op-Amps or RS232 communication.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the GS-R51212 under full load?
    • ⤷ Can the GS-R51212 be used with an input voltage lower than 15V?
    • ⤷ What is the function of the 'Reset' pin on this module?