データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS220A15-R7B

  • AI
    The **GS220A15-R7B** is a high-efficiency, industrial-grade AC/DC desktop power adapter manufactured by **Mean Well**. It is part of the GS220 series, designed to provide a stable 15V DC output for various electronic applications. --- ### ## Technical Specifications Below are the primary electrical and mechanical characteristics of the GS220A15-R7B: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Mean Well | | **Output Voltage** | 15V DC | | **Output Current** | 13.3A | | **Rated Power** | 200W | | **Input Voltage Range** | 90 ~ 264VAC (Universal) | | **Efficiency** | ~90% (Level VI compliant) | | **DC Connector Type** | Power DIN 4-Pin (R7B configuration) | | **AC Inlet** | IEC320-C14 (3-pole) | | **Protection Features** | Short Circuit, Overload, Overvoltage, Overtemperature | --- ### ## Internal Electronic Components & Features The device utilizes advanced switching-mode power supply (SMPS) technology. Key internal components and design features include: 1. **Active PFC (Power Factor Correction):** * It features a built-in active PFC circuit, which improves energy efficiency and ensures compliance with harmonic current requirements (EN61000-3-2). 2. **EMI Filtering:** * The input stage contains X and Y capacitors and common-mode chokes to suppress electromagnetic interference, meeting Class B emissions standards. 3. **Advanced Thermal Management:** * The internal circuitry is housed in a 94V-0 rated flame-retardant plastic case. It relies on free air convection for cooling (no internal fan), which minimizes noise and mechanical failure points. 4. **The "R7B" Connector:** * This specific suffix refers to the **4-pin Power DIN** output plug. This connector is used to handle the high current (13.3A) safely, as standard barrel jacks (like 5.5mm) would melt under such a load. --- ### ## Application Areas Due to its high power output and reliability, this part is commonly found in: * **Industrial Equipment:** Powering sensors, controllers, and small motors. * **Telecommunications:** Network switches and base station components. * **Commercial Electronics:** Large POS systems and high-end workstations. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the R7B 4-pin DIN connector?
    • ⤷ Can this power supply be used for medical equipment?
    • ⤷ How does the 'Level VI' efficiency rating impact power consumption?