データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GS7103PP-R

  • AI
    The **GS7103PP-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by GStek (Green Solution Technology). It is primarily designed to provide a stable voltage supply for high-speed bus terminators and low-power chipsets. --- ### ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the GS7103PP-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.0V to 6.0V | | **Output Voltage Range** | Adjustable (0.8V to $V_{IN}$ - $V_{DROP}$) | | **Max Output Current** | 3.0A | | **Dropout Voltage** | ~230mV @ 3A (Typical) | | **Package Type** | SOP-8 (Exposed Pad) | | **Quiescent Current** | 1.5mA (Typical) | --- ### ## 2. Core Features The GS7103PP-R is engineered for efficiency and protection in sensitive electronic circuits. * **Ultra-Low Dropout:** The low resistance of the internal N-MOSFET allows the device to maintain regulation even when the input voltage is very close to the output voltage. * **Adjustable Output:** It uses an external resistor divider connected to the `FB` (Feedback) pin to set the desired output voltage. * **Soft Start:** Includes an internal soft-start function to prevent current surges (inrush current) during power-up. * **Protection Suites:** * **OCP (Over Current Protection):** Limits current to prevent damage during shorts. * **OTP (Over Temperature Protection):** Shuts down the device if the junction temperature exceeds safety limits. * **Power Good (PGOOD):** An open-drain output that signals when the output voltage has reached 90% of its target value. --- ### ## 3. Pin Configuration (SOP-8 EP) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Power Input | | 2 | **VCNTL** | Control Voltage (Powers internal circuitry) | | 3 | **EN** | Enable Pin (High = On, Low = Shutdown) | | 4 | **FB** | Feedback Input for Voltage Setting | | 5 | **PGOOD** | Power Good Indicator | | 6, 7, 8 | **VOUT** | Regulated Output | | **PAD** | **GND** | Ground (Thermal Pad for heat dissipation) | --- ### ## 4. Application Circuit Example To calculate the output voltage, the following standard formula is used: ```python # Output Voltage Formula Vout = Vref * (1 + R1 / R2) # Note: Vref for GS7103 is typically 0.8V ``` --- ### ## 5. Common Applications * **Motherboards:** Powering Northbridge/Southbridge chipsets. * **Graphics Cards:** GPU core power or memory rails. * **Set-Top Boxes:** Low-noise power supply for processors. * **DDR Termination:** Providing VTT supply for DDR2/DDR3/DDR4.
    ✨ Follow-up Questions
    • ⤷What is the recommended VCNTL voltage relative to VIN for the GS7103?
    • ⤷ How does the SOP-8 Exposed Pad affect thermal management?
    • ⤷ What are the typical capacitor values required for stability on the VOUT pin?