データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSA10-R

  • AI
    The **GSA10-R** is an electronic component primarily known as a **Slide Potentiometer (Fader)**, commonly manufactured by companies like Alps Alpine or similar specialized electronic part suppliers. It is widely used in audio mixing consoles, synthesizers, and control panels. --- ### 1. Technical Specifications The "GSA10-R" typically refers to a specific form factor and resistance curve. Below are the general electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Travel Length** | 100mm (Standard for professional audio) | | **Resistance Range** | 10kΩ to 100kΩ (Variable) | | **Resistance Taper** | Audio (Logarithmic) or Linear | | **Power Rating** | 0.2W to 0.5W | | **Operating Voltage** | 200V AC / 10V DC (Max) | | **Tolerance** | ±20% | --- ### 2. Key Electronic Components & Construction The GSA10-R consists of several internal sub-parts that determine its performance and longevity: * **Resistive Element:** A carbon or plastic film track that provides the resistance. High-quality versions use conductive plastic for smoother movement and lower noise. * **Wiper Contact:** A multi-finger metal contact that slides across the resistive track. In "R" variants (often denoting high reliability), these are usually gold-plated or high-grade copper. * **Dust Cover:** Often includes a synthetic felt or rubber strip to prevent debris from entering the electronic track, which would cause "crackling" noise. * **Terminals:** Usually features three pins (Input, Output/Wiper, Ground). Some variants include additional pins for "Touch Sense" (used in motorized fader systems). --- ### 3. Circuit Application In an electronic circuit, the GSA10-R acts as a **Voltage Divider**. ```spice Input (Pin 3) ----[ Variable Resistance ]---- Output (Pin 2 / Wiper) | Ground (Pin 1) ``` **Common Uses:** 1. **Audio Level Control:** Adjusting the gain of an operational amplifier. 2. **Parameter Mapping:** Used in MIDI controllers to send CC (Continuous Controller) data. 3. **Lighting Dimmers:** Controlling the duty cycle of a PWM signal via a microcontroller. --- ### 4. Maintenance and Failure Points Because it is an electromechanical part, it is subject to wear: * **Oxidation:** Over time, the metal wiper may oxidize, leading to signal dropouts. * **Wear-out:** The carbon track physically thins after thousands of cycles. * **Noise (Jitter):** Dust inside the casing causes the output voltage to fluctuate rapidly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between linear and logarithmic tapers in the GSA10-R?
    • ⤷ How do you clean a GSA10-R fader without damaging the resistive track?
    • ⤷ Can the GSA10-R be used in a motorized fader configuration?