データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSA200-R

  • AI
    The **GSA200-R** is an industrial-grade, rack-mounted cellular gateway/router, typically utilized for M2M (Machine to Machine) communications and IoT applications. Its internal electronic architecture is designed for stability, high-speed data throughput, and resilience in harsh environments. Below is a detailed breakdown of the electronic components and subsystems of the GSA200-R. --- ### 1. Core Processing & Connectivity The "brain" of the unit handles the routing protocols, firewall, and data processing. | Component | Description | | :--- | :--- | | **CPU / Processor** | Typically an ARM-based industrial processor (e.g., MediaTek or Qualcomm) capable of handling VPN encryption and high-traffic routing. | | **Cellular Module** | A mini-PCIe or M.2 internal module supporting 4G LTE (Cat 4 or Cat 6). It includes the baseband processor for cellular signals. | | **SIM Slots** | Dual SIM card slots for carrier redundancy and failover. | --- ### 2. Physical Interfaces (I/O) These are the electronic ports that allow the device to interface with external networks and hardware. * **Ethernet Ports:** Usually 5x RJ45 ports (1 WAN, 4 LAN) supporting 10/100/1000 Mbps. * **Serial Ports:** Integrated **RS232** and **RS485** headers. These utilize level-shifter ICs to convert logic signals into industrial voltage standards for PLC communication. * **Digital I/O:** Opto-isolated inputs and relay outputs to prevent electrical surges from damaging the main PCB. --- ### 3. RF (Radio Frequency) Subsystem To ensure signal integrity, the GSA200-R utilizes specific RF circuitry: * **SMA Connectors:** High-quality threaded connectors for external high-gain antennas. * **MIMO Support:** Multiple-Input Multiple-Output circuitry to increase data rates and link reliability. * **RF Filters:** Surface Acoustic Wave (SAW) filters to reduce noise from neighboring frequency bands. --- ### 4. Power Management & Protection Industrial electronics require robust power delivery to handle voltage fluctuations. ```yaml Power_Specifications: Input_Voltage: 9V to 36V DC (Wide range for industrial/vehicle use) Protections: - Reverse Polarity Protection - Overvoltage Protection (OVP) - ESD Protection (Electrostatic Discharge) Connection: Terminal block or DC Barrel jack ``` --- ### 5. Storage and Memory * **RAM:** DDR3/DDR4 memory for active routing tables and system processes. * **Flash Memory:** SPI Flash or eMMC storage for the Linux-based OS (OpenWrt or proprietary firmware) and local data logging. --- ### 6. Indicators & Diagnostics * **LED Array:** Electronic status indicators for Power, System, Signal Strength (RSSI), and WAN/LAN activity. * **Reset Button:** A physical momentary switch connected to the GPIO of the CPU to trigger factory resets. ---
    ✨ Follow-up Questions
    • ⤷ Does the GSA200-R support 5G module upgrades?
    • ⤷ What specific VPN protocols are supported by its internal processor?
    • ⤷ How does the RS485 isolation protect the main board?