データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSA250-R

  • AI
    The **GSA250-R** is an industrial-grade, high-performance DC servo driver (amplifier) commonly used in CNC machinery and high-precision motion control systems. It is designed to drive brushed DC motors with high efficiency and reliability. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications The "250" in the model name typically refers to its peak voltage handling capability, while "R" often denotes a specific revision or regenerative braking capability. | Component / Feature | Specification Details | | :--- | :--- | | **Input Voltage** | AC 180V ~ 240V (Single or Three Phase) | | **Output Voltage** | DC 0 ~ 200V / 250V (Variable) | | **Continuous Current** | Approx. 10A - 15A (Model dependent) | | **Peak Current** | Up to 30A | | **Feedback Type** | Incremental Encoder / Tachogenerator | | **Control Method** | PWM (Pulse Width Modulation) | --- ### 2. Core Electronic Subsystems #### A. Power Stage (H-Bridge) The heart of the GSA250-R is the **Power MOSFET or IGBT H-Bridge**. * **Function:** It switches the high-voltage DC power to the motor windings. * **Modulation:** Uses PWM to control the average voltage, which determines motor speed and torque. * **Cooling:** Usually mounted on a heavy-duty aluminum heatsink with thermal paste. #### B. Control & Logic Board This section processes the input signals (Step/Dir or Analog +/- 10V). * **Microcontroller/DSP:** Processes PID (Proportional-Integral-Derivative) loops for precise positioning. * **Opto-Isolators:** These components protect the logic circuit from high-voltage spikes by isolating input signals from the power stage. #### C. Feedback Interface The GSA250-R relies on constant electronic feedback to maintain accuracy: * **Encoder Input:** Reads A, B, and Z phases from the motor's optical encoder. * **Current Sensing:** Uses Shunt resistors or Hall Effect sensors to monitor real-time current draw, preventing motor burnout. #### D. Protection Circuitry * **Regenerative Resistor Port:** When a motor decelerates quickly, it acts as a generator. The GSA250-R has circuitry to dump this excess energy into an external braking resistor to prevent over-voltage errors. * **Status LEDs:** Typically features LEDs for `PWR` (Power), `ALM` (Alarm), and `RDY` (Ready). --- ### 3. Connector Pinout Overview | Port Group | Description | | :--- | :--- | | **CN1 (Control)** | I/O Signals, Emergency Stop, Enable, and Analog Input. | | **CN2 (Encoder)** | Feedback input from the motor encoder. | | **Power Terminals** | L1/L2 (AC Input), U/V (Motor Output), P/C (Braking Resistor). | --- ### 4. Common Maintenance Electronic Parts If repairing a GSA250-R, focus on these high-wear components: 1. **Electrolytic Capacitors:** Large "bus caps" that smooth the DC voltage; these dry out over 5-10 years. 2. **Relays:** Internal mechanical relays for soft-start or safety E-stop. 3. **Fuses:** Usually internal ceramic fast-blow fuses.
    ✨ Follow-up Questions
    • ⤷ What are the common error codes for the GSA250-R driver?
    • ⤷ How do you wire a braking resistor to the GSA250-R?
    • ⤷ Can this driver be used with brushless (BLDC) motors?