データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP1-R

  • AI
    The **GSAP1-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Gas Discharge Tube (GDT)**. These components are primarily used for circuit protection against high-voltage transients. --- ### 1. Technical Overview The GSAP1-R is designed to act as a "crowbar" device. When a voltage surge exceeds its breakdown threshold, the ionized gas inside the tube becomes conductive, shunting the excess current to the ground and protecting sensitive downstream electronics. ### 2. Key Specifications The following table highlights the general electrical characteristics of the GSAP1-R series: | Parameter | Typical Value / Description | |:---|:---| | **DC Spark-over Voltage** | Usually ranges from 75V to 600V (depending on sub-model) | | **Impulse Discharge Current** | High capacity (e.g., 2kA to 5kA at 8/20μs) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | Very Low (< 1.0 pF), making it ideal for high-speed data lines | | **Package Type** | SMD (Surface Mount Device) - Square/Rectangular body | --- ### 3. Core Electronic Features * **Low Capacitance:** Unlike Varistors (MOVs) or TVS Diodes, GDTs like the GSAP1-R have extremely low capacitance. This prevents signal distortion in high-frequency applications. * **High Surge Handling:** It can handle significantly higher surge currents relative to its small physical size. * **Bilateral Symmetry:** The device provides protection in both positive and negative directions. ### 4. Common Applications Due to its low capacitance and robust protection, it is commonly found in: 1. **Telecommunications:** Protection for ADSL, VDSL, and Ethernet ports. 2. **Modems/Routers:** Shielding internal chipsets from lightning strikes on external lines. 3. **Power Supplies:** Used in the input stage to prevent AC line surges from damaging the DC conversion circuit. 4. **CATV/Antennas:** Protecting RF signal paths. --- ### 5. Circuit Symbol and Integration In a schematic, the GSAP1-R is represented by a circle with two opposing electrodes, often with a small dot inside to signify gas. ```markdown Schematic Implementation: [Line] ----+---- [Protected Circuit] | [GSAP1-R] | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a GDT like GSAP1-R and a TVS diode?
    • ⤷ How do you select the correct spark-over voltage for a GSAP1-R application?
    • ⤷ Can the GSAP1-R be used for AC power line protection?