データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP15-R

  • AI
    The **GSAP15-R** refers to a specific series of **AC/DC Wall Mount Adapters** (Power Supplies) manufactured by **MEAN WELL**. These are typically used to provide regulated DC power to electronic devices from a standard wall outlet. Below is a detailed breakdown of its electronic specifications and features. --- ## 1. Core Technical Specifications The GSAP15-R series follows a standard electronic profile for small-form-factor power conversion. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 90 ~ 264 VAC (Universal Input) | | **Input Frequency** | 47 ~ 63 Hz | | **Rated Power** | 15 Watts (Maximum) | | **AC Plug Type** | Australian Type (AS/NZS 3112) | | **Safety Class** | Class II (Double Insulated, no earth pin required) | | **Leakage Current** | < 0.25mA | | **Protection Types** | Short Circuit, Overload, Overvoltage | --- ## 2. Model Variations (Output Specs) The "15" in the name denotes the 15W power ceiling. The output voltage determines the specific sub-model: | Model Number | Output Voltage | Output Current | | :--- | :--- | :--- | | **GS15A-1P1J** (Example) | 5V DC | 2.40A | | **GS15A-2P1J** | 7.5V DC | 1.60A | | **GS15A-3P1J** | 9V DC | 1.66A | | **GS15A-4P1J** | 12V DC | 1.25A | | **GS15A-6P1J** | 24V DC | 0.62A | --- ## 3. Key Electronic Characteristics ### A. Efficiency and Energy Star The GSAP15-R series is designed to meet modern energy efficiency standards (typically **Level V** or **VI**). * **Low No-Load Power Consumption:** Consumes less than 0.3W when the device is plugged in but not charging. * **Energy Efficiency:** Generally operates at >80% efficiency depending on the output voltage. ### B. Output Connector (DC Plug) The standard electronic interface for the output is a **2.1mm x 5.5mm x 11mm** female barrel jack, though custom connectors can be ordered. * **Polarity:** Center Positive (+). ### C. Protection Circuitry The internal PCB includes several safety stages: 1. **Overload Protection:** Hicc-up mode; recovers automatically after the fault condition is removed. 2. **Overvoltage Protection:** Clamps the output to prevent damage to the connected electronics. 3. **Thermal Protection:** Integrated sensors to shut down if internal temperatures exceed safe limits. --- ## 4. Physical and Environmental * **Case Material:** 94V-0 Rated Flame Retardant Plastic. * **Operating Temperature:** 0°C to +50°C (with derating at higher temperatures). * **LED Indicator:** Usually includes a green LED to signify "Power On" status. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between GSAP15-R and the standard GS15 series?
    • ⤷ Can this power supply be used with medical equipment?
    • ⤷ How do I identify if my GSAP15-R has failed?