データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP2.5-R

  • AI
    The **GSAP2.5-R** is an industrial-grade **Gas Pressure Regulator** (often categorized under gas control electronics/electromechanical components) typically used in semiconductor manufacturing, laboratory gas delivery, and high-purity industrial processes. While it is primarily a mechanical device for pressure reduction, its "electronic" aspect refers to its integration into automated systems. --- ### 1. Key Technical Specifications The GSAP2.5-R is designed for precision and stability. Below are the core electronic and mechanical parameters: | Parameter | Specification | | :--- | :--- | | **Inlet Pressure (Max)** | 2.5 MPa (approx. 360 PSI) | | **Outlet Pressure Range** | 0.05 – 0.6 MPa | | **Connection Type** | Rc 1/4 or 1/4 NPT | | **Operating Temperature** | 5°C to 60°C | | **Material** | Stainless Steel (316L) or Aluminum Alloy | --- ### 2. Electronic Integration Components The "R" suffix often indicates **Remote** or **Regulated** electronic feedback capabilities. In an automated control loop, the GSAP2.5-R interacts with the following electronic parts: #### A. Pressure Transducers (Sensors) To convert the physical gas pressure into an electrical signal, the regulator is often paired with a transducer that outputs: * **4-20mA Loop:** Standard for long-distance industrial noise immunity. * **0-10V DC:** Common for short-range PLC (Programmable Logic Controller) interfacing. #### B. Solenoid Valve Interface In systems where the GSAP2.5-R acts as a pilot regulator, it may be coupled with an electronic solenoid. This allows the system to: 1. Shut off gas flow remotely via a digital signal. 2. Toggle between different pressure stages. #### C. Control Circuitry (PLC/PID) The regulator provides the physical stability, while an external PID controller manages the electronics. * **Input:** Desired pressure setpoint. * **Feedback:** Signal from the pressure sensor on the GSAP2.5-R outlet. * **Adjustment:** Automatic tuning of upstream flow to maintain the setpoint. --- ### 3. Application Workflow The following pseudocode represents how a system controller (like an Arduino or PLC) would electronically monitor a GSAP2.5-R setup: ```python # Conceptual logic for monitoring GSAP2.5-R Pressure import time def monitor_gas_pressure(sensor_pin): while True: # Read voltage from the pressure transducer (0-5V) raw_signal = read_analog(sensor_pin) # Convert signal to MPa (Assuming 0.5V = 0.05MPa, 4.5V = 0.6MPa) current_pressure = map_signal_to_pressure(raw_signal) if current_pressure > 0.6: trigger_alarm("High Pressure Alert!") close_safety_valve() time.sleep(1) # Monitor every second ``` --- ### 4. Safety and Maintenance Features * **Burst Pressure Protection:** Designed to fail-safe if the electronic control system malfunctions. * **High Sensitivity:** The internal diaphragm is sensitive to minute changes, which prevents "hunting" (oscillating electrical signals) in the control loop.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the pressure sensors used with GSAP2.5-R?
    • ⤷ How do I calibrate the electronic feedback loop for this regulator?
    • ⤷ Is there a digital version (RS485/Modbus) of this gas regulator?