データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP3-R

  • AI
    The **GSAP3-R** (Global Sensor Air Platform, Revision 3) is a sophisticated electronic module used primarily for atmospheric sensing and data logging. Its architecture relies on a combination of precision analog-to-digital conversion, power management, and communication interfaces. --- ### Core Electronic Components The hardware composition of the GSAP3-R is generally divided into four main subsystems: | Component Category | Key Parts | Function | |:---|:---|:---| | **Processing Unit** | ARM Cortex-M4 or ESP32-S3 | Handles data processing, Wi-Fi/BLE stacks, and timing. | | **Sensing Array** | BME680 / SPS30 / MH-Z19 | Measures VOCs, Particulate Matter (PM2.5), and CO2. | | **Power Management** | TP4056 / LDO Regulators | Manages LiPo charging and converts 5V/3.7V to stable 3.3V. | | **Interface/Storage** | MicroSD Slot & CH340G | Local data logging and USB-to-Serial communication. | --- ### Technical Specifications #### 1. Integrated Circuit (IC) Topology The GSAP3-R utilizes a **Multi-Point Bus architecture**. Sensors communicate with the central microcontroller via the **I2C protocol**, allowing multiple sensors to share the same SDA (Data) and SCL (Clock) lines. #### 2. Signal Conditioning Because air quality sensors often produce minute voltage changes, the board includes: * **Operational Amplifiers (Op-Amps):** To amplify signals from electrochemical gas sensors. * **Low-Pass Filters:** RC circuits designed to remove high-frequency noise from the power supply that could interfere with sensor accuracy. #### 3. Data Connectivity The electronic design includes an integrated PCB trace antenna or a U.FL connector for external antennas to facilitate: * **MQTT Protocol:** For sending sensor data to cloud dashboards. * **OTA (Over-The-Air) Updates:** Allowing the firmware to be updated wirelessly without physical access to the board. --- ### Pinout Configuration (Standard Reference) ```cpp // Common Pin Mapping for GSAP3-R Development #define SENSOR_SDA 21 #define SENSOR_SCL 22 #define STATUS_LED 13 #define BATTERY_ADC 34 // Used to monitor voltage levels ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the GSAP3-R?
    • ⤷ Which sensors are compatible with the I2C bus on this platform?
    • ⤷ How does the GSAP3-R handle data encryption during transmission?