データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP300-R

  • AI
    The **GSAP300-R** typically refers to a high-performance **Redundant AC-DC Power Supply Module**, often utilized in enterprise-level networking equipment, servers, or industrial chassis. Below is an explanation of its electronic architecture and key specifications. --- ### 1. Electronic Architecture The GSAP300-R is designed for **High Availability (HA)**. Its internal electronics are divided into several critical stages: | Component Stage | Function | Key Electronic Parts | |:---|:---|:---| | **Input Filter** | Suppresses EMI/RFI and protects against surges. | X/Y Capacitors, Common Mode Chokes, MOVs. | | **PFC Stage** | Power Factor Correction to ensure efficiency (>90%). | Boost Inductors, Power MOSFETs, PFC Controller IC. | | **DC-DC Converter** | Steps down high voltage to the required output (usually 12V or 54V). | High-frequency Transformers, Opto-isolators. | | **Redundancy Logic** | Allows hot-swapping and load sharing between two units. | OR-ing FETs or Schottky Diodes. | | **Management Bus** | Communicates health status to the system. | I2C / PMBus Interface, Microcontroller. | --- ### 2. Technical Specifications Most units in the GSAP300-R series adhere to the following electrical parameters: * **Input Voltage:** 100V – 240V AC (Universal Input). * **Total Power Output:** 300 Watts. * **Form Factor:** Slim/1U Hot-swap module. * **Efficiency:** Typically 80 Plus Gold or Platinum rated. * **Cooling:** Integrated high-RPM DC fan with thermal speed control. --- ### 3. Key Electronic Features 1. **Hot-Swappable Design:** The electronic backplane connector is designed with "short pins" and "long pins" to ensure ground connects first and data signals connect last during insertion. 2. **Protection Circuitry:** * **OCP (Over Current Protection):** Shuts down the rail if current exceeds safety limits. * **OVP (Over Voltage Protection):** Prevents damage to the mainboard components. * **SCP (Short Circuit Protection):** Immediate latch-off in case of a direct short. 3. **Status Monitoring:** Equipped with LED indicators (Green/Amber) driven by logic circuits to indicate "Power OK," "Standby," or "Fault" conditions. --- ### 4. Pinout and Interface The GSAP300-R uses a specialized edge connector rather than standard cables. This connector carries: * **Main Power Rails:** High current paths for the system. * **Standby Rail (+5Vsb or +12Vsb):** Keeps the management controller alive even when the main system is off. * **PS_ON / PS_Kill:** Logic pins used by the motherboard to trigger power-up.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the GSAP300-R edge connector?
    • ⤷ How does the PMBus protocol report telemetry in this power supply?
    • ⤷ What are the common failure points in the GSAP300-R PFC stage?