データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP500-R

  • AI
    The **GSAP500-R** is a high-performance, single-output AC/DC power supply module often utilized in industrial automation, telecommunications, and high-reliability systems. It belongs to a class of "Enclosed" or "Chassis Mount" power converters designed for high power density. --- ## 1. Core Electronic Specifications The GSAP500-R is characterized by its ability to deliver consistent power under varying loads. Below are the primary electronic parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 90V ~ 264V AC (Universal Input) | | **Output Power** | 500 Watts | | **Output Voltage** | Usually 12V, 24V, or 48V DC (Model dependent) | | **Efficiency** | > 90% at full load | | **Cooling** | Forced air (Internal Fan) | | **Form Factor** | Low profile (1U compatible) | --- ## 2. Key Electronic Components & Features The internal circuitry of the GSAP500-R involves several sophisticated stages to ensure stability and safety: ### A. Power Factor Correction (PFC) * **Active PFC:** Most GSAP500-R units incorporate active power factor correction. This reduces harmonic distortion and ensures compliance with international standards (like EN61000-3-2), making the unit more energy-efficient. ### B. Switching Topology * **PWM Control:** It utilizes Pulse Width Modulation (PWM) to regulate the output voltage. High-frequency switching allows for smaller transformers and capacitors, leading to the "500-watt power in a small footprint" capability. ### C. Protection Circuitry The module includes integrated electronic safeguards to prevent damage to the load: * **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds the safe threshold. * **OCP (Over Current Protection):** Limits current to prevent overheating during a short circuit or overload. * **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal temperature rises due to fan failure or restricted airflow. --- ## 3. Connectivity & Interface The "R" in the model suffix often denotes specific features like **Remote On/Off** or **Redundancy** capabilities. * **Terminal Blocks:** Heavy-duty screw terminals for AC input (L, N, G) and DC output (+V, -V). * **Remote Sense:** Compensates for voltage drops across long wire runs by measuring voltage directly at the load. * **DC OK Signal:** A dry contact or logic signal used to alert a central controller if the power supply fails. --- ## 4. Typical Applications Due to its robust electronic design, the GSAP500-R is used in: 1. **Industrial Servers:** Providing stable DC rails for processing units. 2. **LED Signage:** High-wattage power for large-scale outdoor displays. 3. **Medical Equipment:** (When certified) for diagnostic tools requiring low ripple and noise.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the GSAP500-R remote sense connector?
    • ⤷ Does the GSAP500-R support parallel operation for current sharing?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific power supply series?