データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP7-R

  • AI
    The **GSAP7-R** is a specific model of a **Gas-Insulated Switchgear (GIS)** plug-in termination, typically used in medium to high-voltage power distribution systems (often rated up to 42kV - 52kV). It is designed to connect high-voltage cables to transformers or switchgear. Below is a breakdown of its electronic and electrotechnical components. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Material** | Silicone Rubber (High tracking resistance) | | **Voltage Class** | 36kV to 52kV | | **Current Rating** | Typically 800A to 1250A | | **Standard** | IEC 60840 / IEC 60502-4 | | **Interface Type** | Size 3 (Plug-in) | --- ### 2. Core Electronic/Electrical Components The GSAP7-R is not a "circuit board" device, but rather a complex electrical assembly. Its "parts" are defined by their ability to manage electromagnetic fields: #### A. Stress Control Element (Deflector) This is the most critical electronic component. It is a pre-molded part made of **semi-conductive material**. * **Function:** It controls the electrical field distribution at the point where the cable screen is cut. Without this, the concentrated electrical stress would cause a dielectric breakdown (arc-over). #### B. Plug-in Contact System Usually made of silver-plated or tin-plated copper/brass. * **Function:** Ensures a low-resistance path for the high-current load. It is designed to handle thermal expansion and contraction without losing electrical contact. #### C. Insulating Body Constructed from high-grade, peroxide-crosslinked silicone rubber. * **Function:** Provides the primary dielectric strength to isolate the high-voltage conductor from the grounded housing or atmosphere. #### D. Earth (Ground) Connection A mechanical lug or braid integrated into the base. * **Function:** Ensures that the outer semi-conductive layer of the termination is kept at zero potential, protecting personnel and providing a path for leakage currents. --- ### 3. Installation Assembly Overview The assembly follows a specific sequence to ensure electrical integrity: ```markdown 1. Cable Preparation (Stripping insulation and screen) 2. Installation of the Stress Control Element 3. Insertion of the Contact Pin (Crimped or Bolted) 4. Assembly of the Silicone Housing 5. Plugging into the GIS Bushing (Socket) ``` ### 4. Safety and Monitoring While the GSAP7-R is a passive component, it often integrates with monitoring systems via: * **Partial Discharge (PD) Sensors:** Sometimes attached externally to monitor the health of the insulation. * **Voltage Presence Indicators (VPI):** Connected to the capacitive test point (if equipped) to show if the cable is energized. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between Size 2 and Size 3 plug-in terminations?
    • ⤷ How does silicone rubber compare to EPDM in high-voltage terminations?
    • ⤷ What maintenance procedures are required for GSAP7-R systems?