データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSAP8-R

  • AI
    The **GSAP8-R** is an industrial-grade **8-Port Gigabit Unmanaged Ethernet Switch** designed for rugged environments, typically used in automation, IP surveillance, and smart city infrastructure. Below is a detailed breakdown of its electronic components and technical architecture. --- ## 1. Core Electronic Components | Component Type | Specification / Detail | Function | | :--- | :--- | :--- | | **Switching Fabric** | 16 Gbps Non-blocking | Handles the data throughput for all 8 ports simultaneously. | | **Ethernet Controller** | Integrated PHY/MAC Layer | Manages the physical connection and data link layer for RJ45 ports. | | **Voltage Regulators** | DC-DC Buck Converters | Steps down input voltage (e.g., 24V) to 3.3V or 1.2V for ICs. | | **Protection Circuitry** | 6kV Surge / 8kV ESD | Protects internal logic from static and lightning strikes. | | **Magnetic Isolation** | Ethernet Transformers | Prevents DC current leakage and reduces noise (EMI). | --- ## 2. Interface and Connectivity The GSAP8-R is built for high-speed reliability. Its electronic interface includes: * **8 x 10/100/1000Base-T Ports:** These use gold-plated RJ45 connectors to ensure optimal conductivity and resistance to oxidation. * **Auto-MDI/MDI-X:** Electronic sensing that automatically detects if a crossover or straight-through cable is used. * **Store-and-Forward Architecture:** The internal memory buffer checks for errors in data packets before forwarding them, ensuring high data integrity. --- ## 3. Power Delivery System One of the most critical electronic aspects of the "R" (Rugged) series is its power resilience: * **Input Range:** Usually supports a wide range (e.g., 12V to 48V DC) to accommodate various industrial power supplies. * **Reverse Polarity Protection:** Prevents the device from short-circuiting if the positive and negative power wires are swapped during installation. * **Overload Protection:** Resettable fuses (PTCs) protect the internal PCB from current spikes. --- ## 4. Mechanical & Environmental Electronics Because it is a "Rugged" model, the electronic design accounts for physical stress: ### Thermal Management The device typically uses a **Fanless Design**. The internal heat is dissipated through high-thermal-conductivity pads that transfer heat from the chips directly to the aluminum alloy housing, acting as a giant heat sink. ### Reliability Standards * **Operating Temp:** Designed to function between **-40°C to 75°C**. * **PCB Coating:** Often features a conformal coating to protect against humidity and dust (depending on the specific sub-revision). ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the GSAP8-R at full load?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How does the GSAP8-R handle broadcast storms?