データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GSE10-R3722

  • AI
    ## GSE10-R3722 Technical Overview The **GSE10-R3722** is a specific photoelectric sensor model, typically part of the **G10 product family** manufactured by **SICK**. It is a through-beam photoelectric sensor system consisting of a sender and a receiver. --- ### 1. Key Electronic Specifications The electronic architecture of the GSE10-R3722 is designed for industrial automation, prioritizing fast response times and standardized signaling. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 10 V DC ... 30 V DC | | **Current Consumption** | ≤ 20 mA | | **Switching Output** | PNP (Open Collector) | | **Switching Mode** | Light/Dark switching (selectable via cable/switch) | | **Output Current ($I_{max}$)** | ≤ 100 mA | | **Response Time** | ≤ 500 µs | | **Switching Frequency** | 1,000 Hz | | **Connection Type** | Cable, 3-wire, 2m (PVC) | --- ### 2. Internal Electronic Components The device integrates several high-precision electronic modules within its small housing: 1. **Light Source (Sender):** Uses a **PinPoint LED**. Unlike standard LEDs, this produces a highly concentrated, small, and consistent light spot, behaving similarly to a laser but with a longer lifespan and better safety profile. 2. **ASIC Technology:** SICK uses proprietary Application-Specific Integrated Circuits (ASICs) to ensure high immunity to ambient light (optical noise) and electromagnetic interference (EMI). 3. **Output Driver:** A PNP transistor output. When the beam is interrupted (or established, depending on mode), the transistor closes the circuit to the positive rail ($V_{cc}$). 4. **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Short-circuit Protection:** Protects the output driver from overcurrent. * **Interference Suppression:** Filters out signals from nearby sensors or industrial machinery. --- ### 3. Wiring Diagram (Pin Assignment) Since the GSE10-R3722 typically uses a 3-wire cable, the electronic interface follows the standard industrial color coding: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +L (Vcc) | Positive power supply (10-30V) | | **Blue** | -M (GND) | Ground/Negative supply | | **Black** | Q | Output signal (PNP) | --- ### 4. Functional Operation * **Through-beam Principle:** The sender and receiver are separate electronic units. The receiver's electronics are tuned to the specific frequency of the sender's PinPoint LED. * **Sensitivity Adjustment:** The R3722 variant often features a potentiometer or is pre-set for high-reliability detection at distances up to 15 meters (depending on specific sub-variants).
    ✨ Follow-up Questions
    • ⤷ What is the difference between PNP and NPN switching in this sensor?
    • ⤷ How does PinPoint LED technology improve detection compared to standard LEDs?
    • ⤷ What is the IP rating for the GSE10 series housing?