データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GW10-R

  • AI
    The **GW10-R** is typically identified as a specialized **industrial wireless remote control receiver**, often used in crane operations, concrete pumps, and heavy machinery. It is designed to interpret radio frequency (RF) signals from a transmitter and convert them into electrical commands. --- ### Core Electronic Components The device consists of several critical stages that manage power, signal processing, and output execution. | Component Category | Description | Key Functions | | :--- | :--- | :--- | | **RF Module** | High-sensitivity radio receiver | Receives 433MHz / 868MHz signals; handles frequency hopping. | | **Microcontroller (MCU)** | Central Processing Unit | Decodes the data packets and manages safety logic (E-stop). | | **Relay Array** | Electromechanical switches | Provides dry contact outputs to drive motors or contactors. | | **Power Supply Unit** | AC/DC or DC/DC Converter | Supports wide voltage ranges (e.g., 24V-48V AC/DC or 110V-440V AC). | | **Antenna Interface** | SMA or Internal trace | Ensures stable reception and minimizes signal interference. | --- ### Key Technical Specifications Modern GW10-R units focus on durability and signal integrity in "noisy" electromagnetic environments. * **Frequency Range:** Usually 433 MHz to 434 MHz (multi-channel). * **Safety Features:** Includes a hardware Watchdog and a dedicated Safety Relay for Emergency Stop functions. * **Control Distance:** Typically rated up to 100 meters (330 feet) in open areas. * **Enclosure Rating:** IP65 or IP66 (Dust-tight and protected against water jets). --- ### Circuit Protection Mechanisms The GW10-R architecture includes several layers of protection to prevent equipment damage: 1. **Optical Isolation:** Separates the sensitive MCU logic from the high-voltage relay outputs to prevent surge damage. 2. **Fuse Protection:** Replaceable fuses are usually located on the main PCB for each output line. 3. **Hamming Code Logic:** Uses advanced error detection (CRC) to ensure that accidental signals or interference do not trigger a machine movement. --- ### Basic Wiring Structure ```mermaid graph LR A[Antenna] --> B[RF Receiver] B --> C[Microprocessor] C --> D[Relay Bank] D --> E[Machine Actuators/Contactors] F[Power Input] --> G[Voltage Regulator] G --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the relay outputs?
    • ⤷ How do you pair a new transmitter with a GW10-R receiver?
    • ⤷ What are the common troubleshooting steps for signal loss in this model?