データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GW101-R

  • AI
    The **GW101-R** typically refers to a specialized industrial wireless gateway or a remote terminal unit (RTU) often used in IoT and automation environments. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Architecture and Main Components The device is designed for reliability in industrial settings, featuring robust internal circuitry to handle data conversion and communication. | Component Type | Description | | :--- | :--- | | **Microcontroller/SoC** | Usually an ARM-based processor (Cortex-M series) designed for low power consumption and high processing efficiency. | | **Communication Module** | Includes 4G LTE/5G or NB-IoT modules for cellular connectivity, and often a LoRa or Zigbee chip for local sensor networking. | | **Memory** | Integrated Flash memory for logging data and RAM for real-time buffer management. | | **Power Management** | DC-DC converters designed to handle wide input voltages (typically 9V to 36V DC) with surge protection. | --- ### 2. Physical Interfaces (I/O) The "R" in the model name often signifies specific **RS-485** or **Relay** capabilities. The board layout generally includes: * **Serial Ports:** RS-232 and RS-485 (isolated) for connecting to PLCs or industrial meters. * **Digital Inputs (DI):** Optocoupler-isolated inputs to detect "On/Off" states from external equipment. * **Analog Inputs (AI):** High-precision ADC (Analog-to-Digital Converter) channels for 4-20mA or 0-10V sensors. * **Relay Outputs:** Physical switches to trigger alarms or start/stop machinery. --- ### 3. Electronic Protection Features To survive harsh industrial environments, the internal PCB includes: 1. **ESD Protection:** Protects the communication ports from static electricity. 2. **EFT Protection:** Guards against fast electrical transients caused by heavy machinery. 3. **Watchdog Timer (WDT):** An internal circuit that automatically resets the system if the software hangs. 4. **Galvanic Isolation:** Prevents ground loops and protects the main logic board from high-voltage spikes on the I/O lines. --- ### 4. Typical Technical Specifications ```json { "device_model": "GW101-R", "input_voltage": "9-36V DC", "operating_temp": "-40°C to +85°C", "interfaces": { "serial": "1x RS485 / 1x RS232", "ethernet": "10/100 Mbps (RJ45)", "wireless": "4G LTE Cat 1 / NB-IoT" }, "protocols": "Modbus RTU/TCP, MQTT, HTTP" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the RS-485 port on the GW101-R?
    • ⤷ Does the GW101-R support MQTT protocol for cloud integration?
    • ⤷ How do I configure the relay outputs using the built-in web interface?