データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GWIXP425ABT

  • AI
    The **GWIXP425ABT** belongs to the Intel IXP42x product line. Specifically, it is a member of the **IXP425 Network Processor** family, which is built on the Intel XScale microarchitecture. This processor was widely used in networking equipment like gateways, routers, and industrial control systems. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Core Architecture** | Intel XScale (ARMv5TE compliant) | | **Clock Speed** | Typically 533 MHz (varies by sub-model) | | **Instruction Cache** | 32 KB | | **Data Cache** | 32 KB | | **Process Technology** | 0.18-micron CMOS | | **Package Type** | 492-pin PBGA (Plastic Ball Grid Array) | | **Operating Temperature** | Commercial or Industrial (depending on suffix) | --- ### 2. Functional Blocks & Components The IXP425 is not just a CPU; it is a **System-on-Chip (SoC)** designed for high-performance networking. It integrates several specialized hardware engines: #### A. Network Processor Engines (NPEs) The "heart" of the networking capability. The IXP425 features three NPEs that offload tasks from the main CPU: * **Ethernet MACs:** Hardware support for 10/100 Mbps Ethernet. * **HSS (High-Speed Serial):** Support for T1/E1 and ISDN interfaces. * **AAL (ATM Adaptation Layer):** Hardware acceleration for ATM segmentation and reassembly. #### B. Memory Controller The internal memory controller supports: * **SDRAM:** 32-bit interface for high-speed system memory. * **Expansion Bus:** Used to connect Flash memory (for firmware) or other peripherals. #### C. Integrated Peripherals To reduce overall system cost (BOM), the chip includes: * **USB 1.1 Device Controller.** * **Dual UARTs:** For serial console and communication. * **GPIOs:** For controlling LEDs or sensing switches. * **PCI Controller:** A 32-bit/33 MHz interface to connect external Wi-Fi cards, encryption accelerators, or SATA controllers. #### D. Hardware Acceleration The "ABT" variant typically includes hardware support for: * **Cryptography:** Acceleration for DES, 3DES, AES, and SHA-1/MD5 (critical for VPN routers). --- ### 3. Common Applications Due to its high integration and low power consumption, the IXP425 was a staple in: 1. **Enterprise Gateways:** Handling VPN, Firewall, and routing. 2. **Wireless Access Points:** Using the PCI bus to host 802.11 radio cards. 3. **VoIP Gateways:** Utilizing the HSS interfaces for voice traffic. 4. **Industrial Automation:** Serving as a programmable logic controller (PLC) or communication bridge. --- ### 4. Part Number Breakdown The prefix and suffix provide specific information about the silicon: * **GW:** Often indicates the manufacturing lead-free process or specific Intel branding. * **IXP425:** The base model series. * **ABT:** Generally refers to the specific stepping (silicon version), speed grade, and hardware security feature set.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the GWIXP425ABT under full load?
    • ⤷ Is the IXP425 series still recommended for new designs in 2024?
    • ⤷ Which operating systems are compatible with the Intel XScale IXP425?