データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GWIXP425ACT

  • AI
    The **Intel IXP425** (specifically the `GWIXP425ACT`) is a highly integrated **Network Processor** belonging to the IXP4xx product line. It was widely used in the mid-2000s for networking equipment like gateways, routers, and industrial controllers. Below is a breakdown of its electronic specifications and architecture. --- ## 1. Technical Specifications The IXP425 is based on the **Intel XScale** microarchitecture, which is an implementation of the ARMv5TE instruction set. | Feature | Specification | | :--- | :--- | | **Core Processor** | Intel XScale (ARMv5TE compliant) | | **Clock Speeds** | 266 MHz, 400 MHz, or 533 MHz | | **Network Processor Engines (NPEs)** | 3 Hardware-accelerated NPEs | | **Instruction Cache** | 32 KB | | **Data Cache** | 32 KB | | **I/O Voltage** | 3.3V | | **Core Voltage** | 1.3V | | **Package Type** | 492-pin PBGA (Plastic Ball Grid Array) | --- ## 2. Core Architecture Components The IXP425 is designed to offload networking tasks from the main CPU to specialized hardware units. ### A. Network Processor Engines (NPEs) The most critical electronic feature of the IXP425 is the inclusion of **three NPEs**. These are dedicated microengines that handle: * **Ethernet MACs:** Media Access Control for 10/100 Mbps Ethernet. * **AAL1/2/5:** ATM Adaptation Layers for telecommunications. * **Cryptography:** Hardware acceleration for DES, 3DES, AES, and SHA-1/MD5. ### B. Memory Controller The internal memory controller supports: * **SDRAM:** Support for up to 256MB of DDR or SDR memory. * **Expansion Bus:** A 16-bit or 32-bit interface for connecting Flash memory or external I/O devices. --- ## 3. Peripheral Interfaces The "ACT" variant typically includes a robust set of interfaces for connectivity: * **PCI Controller:** Integrated 32-bit, 33/66 MHz PCI 2.2 host/option controller. This allows the chip to connect to WiFi cards or additional Ethernet controllers. * **USB Device:** Integrated USB 1.1 device controller. * **UARTS:** Two high-speed UARTs (serial ports) for console access and data. * **I2C/GPIO:** Standard serial management and General Purpose I/O pins for LED control or sensor input. --- ## 4. Typical Application Circuit When designing a board around the IXP425, engineers typically include the following sub-circuits: ```mermaid graph LR A[Power Supply 1.3V/3.3V] --> B[IXP425 SoC] C[FLASH Memory] --- B D[SDRAM] --- B B --- E[Ethernet PHY] B --- F[PCI Slot/WiFi] B --- G[Serial Console] ``` ### Summary of the "ACT" Suffix The specific suffix `ACT` usually denotes the package material and commercial temperature range: 1. **A**: Revision/Step code. 2. **C/T**: Indication of lead-free (RoHS) packaging or specific temperature grade (0°C to 70°C). ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the IXP420 and IXP425 models?
    • ⤷ Which operating systems are most commonly used with the IXP425 architecture?
    • ⤷ What is the power consumption profile of the IXP425 at 533MHz?