データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H-P1-R1

  • AI
    The **H-P1-R1** refers to a high-performance **Brushless DC (BLDC) Motor Controller** (ESC), typically designed for robotics, industrial automation, or high-end RC systems. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Key Electronic Components The architecture of the H-P1-R1 is centered around high-current power management and precise logic control. | Component Group | Function | Typical Parts/Specs | | :--- | :--- | :--- | | **MOSFET Array** | Switches power to motor phases | Low RDS(on) N-Channel MOSFETs | | **Microcontroller (MCU)** | Handles FOC or PWM algorithms | ARM Cortex-M4 or similar | | **Gate Drivers** | Bridges MCU signals to MOSFETs | High-speed, isolated drivers | | **Current Sensors** | Monitors torque and prevents overcurrent | Shunt resistors or Hall Effect sensors | | **Capacitor Bank** | Smooths voltage spikes and noise | High-capacitance electrolytic caps | --- ### 2. Technical Specifications This series is known for its "R1" revision, which often includes improved thermal dissipation and EMI shielding. * **Voltage Range:** Typically supports 3S to 12S LiPo (approx. 11V – 50V). * **Current Rating:** Rated for high continuous current (often 60A - 100A+) with peak bursts. * **Control Protocol:** Supports CAN-bus, PWM, and sometimes UART/SBus. * **Firmware:** Usually compatible with BLHeli_32 or proprietary FOC (Field Oriented Control) firmware. --- ### 3. Circuit Protection Features To ensure the longevity of the electronics, the H-P1-R1 integrates several hardware-level protections: 1. **Thermal Throttling:** Internal NTC thermistors monitor heat and reduce output if temperatures exceed $100^{\circ}C$. 2. **Voltage Protection:** Low-voltage cutoff to protect batteries and over-voltage protection to prevent MOSFET failure during regenerative braking. 3. **Optical Isolation:** Some variants use optoisolators on the signal lines to prevent motor noise from reaching the flight controller or PLC. --- ### 4. Connection Diagram (General) ```cpp // Logic Level Connections [VCC] --> 5V/12V Power Supply [GND] --> Common Ground [CANH] --> CAN High (Communication) [CANL] --> CAN Low (Communication) // Power Level Connections [BAT+] --> Positive Battery Terminal [BAT-] --> Negative Battery Terminal [U,V,W]--> Three-Phase Motor Leads ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous current rating for the H-P1-R1?
    • ⤷ Does the H-P1-R1 support Field Oriented Control (FOC)?
    • ⤷ How do I configure the CAN-bus ID for this controller?