データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H-R6

  • AI
    It appears you are referring to the **H-R6**, a model designation often associated with specific **industrial relay modules** (specifically by brands like IDEC or similar manufacturers) or high-performance **RC (Radio Control) servos**. Below is a breakdown of the electronic components and technical specifications typically found in the **H-R6 Relay Series**, which is the most common electronic component with this designation. --- ## 1. Core Electronic Components The H-R6 relay module consists of several internal parts designed to switch high-power circuits using low-power signals. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Electromagnetic Coil** | Creates a magnetic field when energized to move the armature. | Copper winding (various voltages) | | **Contacts** | The physical points that open or close the circuit. | Silver-alloy (AgSnO2 or AgNi) | | **Armature** | The moving part that connects/disconnects the contacts. | Ferromagnetic Iron | | **Return Spring** | Forces the armature back to the "Rest" position when power is cut. | High-tensile Steel | | **Yoke** | Provides a low-reluctance path for magnetic flux. | Soft Iron | --- ## 2. Technical Specifications The H-R6 series is known for its compact footprint and high switching capacity. ### Electrical Characteristics * **Contact Configuration:** Usually 1 Form C (SPDT) or 2 Form C (DPDT). * **Rated Load:** Typically supports up to **10A to 16A** at 250VAC or 30VDC. * **Coil Voltages:** Available in 5V, 12V, 24V (DC) and 110V, 220V (AC). * **Contact Resistance:** $\le$ 100m$\Omega$. ### Physical Attributes * **Housing:** PBT or Polycarbonate (Flame retardant UL94V-0). * **Pins:** PCB-mount or Plug-in type (gold-plated options for low-level signals). --- ## 3. Protective Components (Internal/External) When using an H-R6 relay in a circuit, these electronic additions are often integrated or required: 1. **Flyback Diode:** Connected across the coil to prevent voltage spikes when the coil is de-energized. 2. **LED Indicator:** Many H-R6 modules include a small surface-mount LED to show the "ON" status. 3. **Varistor (MOV):** Used in AC versions to protect the contacts from arcing. --- ## 4. Typical Application Circuit The following represents a standard wiring logic for an H-R6 relay: ```mermaid graph LR A[Signal In] --> B[Transistor/Driver] B --> C[H-R6 Coil] C --> D[Mechanical Switch] D --> E[High Power Load] ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the H-R6 relay?
    • ⤷ Are there specific brands like IDEC or Omron that manufacture the H-R6?
    • ⤷ How do I calculate the flyback diode size for this relay?