データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H10-R10

  • AI
    The **H10-R10** refers to a specific series of high-power, metal-clad chassis mount resistors (often part of the **RH/NH** series or similar industrial standards). These components are designed to dissipate large amounts of heat in compact spaces. --- ### 1. Key Technical Specifications The "R10" suffix typically denotes the resistance value ($0.10 \, \Omega$), while "H10" usually indicates the physical size or power rating (often 10 Watts). | Feature | Specification | | :--- | :--- | | **Resistance Value** | $0.10 \, \Omega$ (±1% to ±5% tolerance) | | **Power Rating** | 10 Watts (on suitable heat sink) | | **Construction** | Wirewound element in an Aluminum housing | | **Mounting Type** | Chassis/Panel Mount (screw holes) | | **Termination** | Solder lugs or lead wires | --- ### 2. Internal Electronic Design As a **wirewound resistor**, the internal construction is specialized for high-current applications: * **Resistive Element:** A precision alloy wire (like Nichrome) wound around a ceramic core. * **Encapsulation:** The element is molded into an aluminum housing using a high-thermal-conductivity epoxy. * **Heat Dissipation:** The aluminum fins increase surface area, but the component relies on being bolted to a metal chassis to reach its full 10W rating. Without a heat sink, its power capacity drops significantly (often by 50-60%). --- ### 3. Common Applications Because $0.10 \, \Omega$ is a very low resistance value, the H10-R10 is rarely used for simple current limiting. Instead, it is used for: 1. **Current Sensing:** Measuring voltage drop across the resistor to calculate current flow in a circuit ($I = V/R$). 2. **Inrush Current Limiting:** Protecting sensitive components during initial power-up. 3. **Dynamic Braking:** Small motor controllers use these to dissipate energy during deceleration. 4. **Load Simulation:** Used in testing power supplies or battery discharge rates. --- ### 4. Calculation Example If you pass **5 Amps** through an H10-R10 resistor: ```python # Power Dissipation Calculation (P = I^2 * R) current = 5.0 # Amperes resistance = 0.10 # Ohms power_dissipated = (current ** 2) * resistance print(f"Power: {power_dissipated} Watts") # Result: 2.5 Watts # This is well within the 10W limit, provided there is airflow or a heat sink. ```
    ✨ Follow-up Questions
    • ⤷What happens to the power rating if the resistor is not mounted to a heat sink?
    • ⤷ How does the tolerance percentage affect current sensing accuracy?
    • ⤷ What are the alternatives to wirewound resistors for low-resistance applications?