データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H30-R

  • AI
    The **H30-R** typically refers to a high-performance **GPS/GNSS Receiver module** or a specific industrial **ESC (Electronic Speed Controller)**, often used in agricultural drones or surveying equipment. Below is a detailed breakdown of the electronic components and architecture commonly found in H30-R series hardware. --- ### 1. Core Electronic Components The device is composed of several critical layers that handle signal processing, power management, and communication. | Component Category | Description | Key Parts | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes positioning algorithms or motor timing. | Usually an ARM Cortex-M4 or M7 based chip. | | **GNSS Engine** | Responsible for satellite tracking (GPS, GLONASS, Galileo, BeiDou). | Multi-band high-precision RF front-end. | | **Power Management (PMU)** | Converts input voltage to stable internal logic levels. | Buck/Boost converters, LDO regulators (Low-dropout). | | **IMU Sensors** | Inertial Measurement Units for orientation and stabilization. | 6-axis Gyroscopes and Accelerometers. | | **Communication Ports** | Interfaces for data output and configuration. | UART (TTL), CAN Bus, and sometimes USB-C. | --- ### 2. Technical Specifications Depending on the specific implementation (GNSS vs. ESC), these are the typical electronic characteristics: #### **A. Navigation/GNSS Specs** * **Frequency Bands:** L1, L2, and L5 support for centimeter-level accuracy. * **Update Rate:** Typically 1Hz to 20Hz. * **Antenna Interface:** IPEX or SMA connector with integrated LNA (Low Noise Amplifier). #### **B. Power & Signal Specs** * **Input Voltage:** Usually 3.3V to 5V (Logic) or up to 12S LiPo (if the ESC variant). * **Signal Protocol:** NMEA 0183 or RTCM 3.x (for RTK corrections). --- ### 3. Circuit Protection Features Modern H30-R modules include several layers of electronic protection to ensure durability in outdoor environments: 1. **ESD Protection:** Prevents damage from static electricity on exposed pins. 2. **Reverse Polarity Protection:** A diode-based circuit to prevent damage if the power leads are swapped. 3. **EMI Shielding:** A metal "can" (shield) covering the RF sensitive components to prevent interference from motors or telemetry. --- ### 4. Connectivity Pinout (Typical) Most H30-R modules use a 6-pin or 10-pin JST-GH connector: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power In | 5V DC Input | | **GND** | Ground | Common Ground | | **TX/RX** | Data | UART Serial Communication | | **SCL/SDA** | I2C | Communication for the Compass/Magnetometer | | **PPS** | Pulse Per Second | Time synchronization signal | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the H30-R UART interface?
    • ⤷ Does the H30-R support RTK (Real-Time Kinematic) positioning?
    • ⤷ What is the maximum operating voltage for the H30-R module?