データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H3PMO2DI

  • AI
    It appears there may be a slight typo in the part number provided. Based on electronic component naming conventions, you are likely referring to the **H3M** series or a specific variant of a **Solid-State Timer/Relay** (often manufactured by OMRON or similar brands). However, assuming **H3PMO2DI** refers to a high-performance Digital Input/Output module or a specific timer relay, here is a breakdown of the typical electronic internal parts and their functions. --- ## 1. Internal Components Breakdown | Component Category | Specific Part | Function | |:---|:---|:---| | **Control Logic** | Microcontroller (MCU) | The "brain" that processes timing logic and input signals. | | **Output Stage** | Power MOSFETs or Relays | Handles the switching of the external load (AC/DC). | | **Input Interface** | Optocouplers | Provides galvanic isolation between the input signal and internal logic. | | **Power Supply** | Step-down Transformer/Rectifier | Converts mains voltage to low-voltage DC for internal circuits. | | **Protection** | Varistors (MOV) & Diodes | Protects the device from voltage spikes and reverse polarity. | --- ## 2. Key Technical Features If this is a standard Industrial Digital Module, it typically includes: ### A. Galvanic Isolation * **Opto-isolation:** Prevents high-voltage surges from the field side from damaging the sensitive control electronics. * **Dielectric Strength:** Usually rated for 1500V - 2500V AC. ### B. Input/Output (I/O) Architecture * **Digital Input (DI):** Uses a current-limiting resistor and a filter capacitor to debounce signals from switches or sensors. * **Switching Method:** Often uses **Photomos** or **SSR (Solid State Relay)** technology for silent, high-speed switching without mechanical wear. ### C. Timing & Precision * **Quartz Oscillator:** Provides the clock pulse for high-precision timing applications (if used as a timer). * **EEPROM:** Stores user-defined configurations so they are not lost during power failure. --- ## 3. Connectivity & Housing * **Terminal Blocks:** Screw-type or push-in terminals for secure wiring. * **LED Indicators:** Typically features a **PWR** (Power) LED and **OUT** (Status) LED to show the state of the internal circuit. * **DIN Rail Mounting:** The casing is usually made of flame-retardant ABS plastic designed for standard industrial rails. --- > **Note:** If "H3PMO2DI" is a proprietary code for a specific manufacturer (like a specialized PLC module), please verify the brand name (e.g., Omron, Siemens, Schneider) for a more precise internal schematic.
    ✨ Follow-up Questions
    • ⤷ Is this part a specific component from a brand like Omron or a custom PCB assembly?
    • ⤷ What is the specific voltage rating for the DI (Digital Input) section of this part?
    • ⤷ Are you looking for a pinout diagram or a functional block diagram?