データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • H4-R

  • AI
    The **H4-R** typically refers to a high-performance **LED Headlight Bulb** (a variant of the standard H4 bulb) designed for automotive and motorcycle use. Unlike halogen bulbs which rely on a simple filament, the H4-R contains complex electronics to manage power and heat. --- ### Key Electronic Components of an H4-R LED An H4-R bulb is an integrated system consisting of the following electronic parts: | Component | Function | Description | | :--- | :--- | :--- | | **LED Chips** | Light Source | High-intensity light-emitting diodes (usually COB or CSP type) that produce the lumens. | | **LED Driver (IC)** | Power Regulation | A constant current circuit that prevents the LEDs from burning out due to voltage spikes. | | **PCB (Printed Circuit Board)** | Structure | Usually a copper or aluminum substrate that holds the components and transfers heat. | | **Heat Sink** | Thermal Management | Passive cooling fins made of aviation-grade aluminum to dissipate heat. | | **Cooling Fan** | Active Cooling | A high-RPM micro-fan integrated into the base to prevent thermal throttling. | | **EMC/CANbus Filter** | Signal Integrity | Components (capacitors/resistors) that prevent radio interference and "bulb out" dashboard errors. | --- ### Internal Circuitry Logic The H4-R is a **dual-beam** system. The electronics must manage two distinct circuits within a single housing: 1. **Low Beam Logic:** Only the top-facing LEDs are activated. Often, a "shield" or "hood" is electronically positioned or the chip placement is offset to create a sharp cutoff line. 2. **High Beam Logic:** All LEDs (or a secondary set) are activated to provide full-range illumination. 3. **Pulse Width Modulation (PWM):** Some high-end H4-R drivers use PWM to control brightness and efficiency, ensuring the light output remains steady even if the vehicle's battery voltage fluctuates between 12V and 14.4V. ### Wiring Configuration The H4-R follows the standard 3-pin configuration: ```text [ Ground (-) ] | --------------- | | [Low Beam] [High Beam] (+) (+) ``` --- ### Technical Specifications (Typical) * **Operating Voltage:** 9V - 32V DC * **Power Consumption:** 25W - 55W per bulb * **Color Temperature:** 6000K (Cool White) * **Lifespan:** Managed by a thermal control NTC (Negative Temperature Coefficient) thermistor that dims the light if the electronics get too hot.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CSP and COB LED chips in H4-R bulbs?
    • ⤷ How does the CANbus driver prevent dashboard error codes?
    • ⤷ Why do H4-R bulbs require active cooling fans compared to standard halogens?