データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAH83-R22

  • AI
    ## Overview of HAH83-R22 Electronic Component The **HAH83-R22** is an advanced electronic component, specifically a **Molding Power Inductor**. It is commonly utilized in high-performance automotive and industrial applications due to its robust design and high current capabilities. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of the HAH83-R22: | Parameter | Value / Range | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% | | **DCR (Direct Current Resistance)** | ~1.3 mΩ (Max) | | **Saturation Current (Isat)** | ~40A - 50A | | **Heat Rating Current (Irms)** | ~25A - 30A | | **Operating Temperature** | -55°C to +155°C | | **Package Size** | Approx. 8.0 x 8.0 x 3.0 mm | --- ### 2. Key Features * **Molded Construction:** The part is manufactured using a magnetic metal powder molding process. This provides a "shielded" structure that minimizes electromagnetic interference (EMI). * **High Current Handling:** Due to its low DCR and high saturation levels, it can handle significant current spikes without losing efficiency. * **AEC-Q200 Compliance:** Most versions of this series are qualified for automotive use, meaning they are tested for high vibration and extreme temperature cycles. * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, the HAH83-R22 exhibits a gradual drop in inductance as current increases. --- ### 3. Application Areas The HAH83-R22 is primarily used in DC-DC converters and power management modules. Common integrations include: 1. **Automotive Electronics:** Engine Control Units (ECU), ADAS systems, and Infotainment power supplies. 2. **Computing:** High-speed servers and VRM (Voltage Regulator Modules) for CPUs/GPUs. 3. **Industrial:** High-efficiency power supplies for automation and robotics. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **HAH:** Series identifier (High-current Automotive/Industrial Inductor). * **83:** Physical dimensions (typically 8.0mm length/width). * **R22:** Inductance value (R represents the decimal point; $0.22\mu H$). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the HAH83-R22 and a standard ferrite core inductor?
    • ⤷ Can you provide a PCB footprint recommendation for the 8080 size package?
    • ⤷ How does the 'soft saturation' feature affect the efficiency of a DC-DC converter?