データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAP-G2-R

  • AI
    The **HAP-G2-R** refers to the **hAP ax²** (C52iG-5HaxD2HaxD-TC), a high-performance home access point from MikroTik. It represents a significant hardware upgrade from previous generations, incorporating WiFi 6 technology and a modern ARM architecture. --- ### Core Electronic Specifications The internal components are designed for high-efficiency routing and dual-band wireless communication. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU** | IPQ-6010 | Quad-core ARM 64-bit architecture | | **CPU Nominal Frequency** | 864 MHz | Provides high throughput for encrypted tunnels (IPsec) | | **RAM** | 1 GB | LPDDR4 memory for handling large routing tables | | **Storage (Flash)** | 128 MB | NAND flash for RouterOS v7 installation | | **Switch Chip** | IPQ-6010 | Integrated hardware switching capabilities | | **Wireless Interface** | 802.11ax (WiFi 6) | Dual-chain 2.4 GHz and 5 GHz radios | --- ### Wireless & Networking Hardware The HAP-G2-R utilizes an integrated wireless solution that supports the latest standards: 1. **WiFi 6 Hardware:** * **5 GHz Radio:** Supports up to 1200 Mbit/s (802.11ax). * **2.4 GHz Radio:** Supports up to 574 Mbit/s (802.11ax). * **Antenna Gain:** High-performance internal antennas (4.5 dBi for 5 GHz and 3 dBi for 2.4 GHz). 2. **Ethernet Ports:** * Contains **5x 10/100/1000 Gigabit Ethernet ports**. * Port 1 supports **PoE-in**, and Port 5 supports **PoE-out** (passive PoE). --- ### Power Management The electronic design allows for flexible power input and distribution: * **DC Jack Input:** Supports 12-28 V. * **PoE Input:** Passive PoE (18-28 V). * **Max Power Consumption:** 12W (without PoE-out attachments) / 27W (with maximum load). * **PoE-out:** Can power an additional device (e.g., a camera or another AP) on the 5th port, provided the input voltage is sufficient. --- ### Physical Sensors and Extras * **Mode Button:** User-programmable button for triggering scripts or resetting the device. * **Beeper:** For system alerts and status notifications. * **Temperature Monitoring:** Internal PCB temperature sensor to prevent overheating under heavy CPU load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum throughput of the HAP ax² in a real-world environment?
    • ⤷ How does the IPQ-6010 CPU improve performance over older MIPSBE processors?
    • ⤷ Can the PoE-out port power a standard 802.3af/at device?