データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAS-51-R/Q

  • AI
    The **HAS-51-R/Q** refers to a specific series of high-precision, open-loop Hall Effect Current Transducers manufactured by **LEM**. These devices are designed to measure DC, AC, and pulsed currents without physical contact between the sensor and the conductor. ### 1. Technical Specifications The "51" in the part number typically denotes the rated nominal current, while the suffixes (R/Q) relate to specific mechanical or electrical variations (such as RoHS compliance or pin configurations). | Feature | Specification (Typical) | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 50 A | | **Measuring Range ($I_{pm}$)** | 0 to ±150 A | | **Output Voltage ($V_{out}$)** | ±4 V at $I_{pn}$ | | **Supply Voltage ($V_c$)** | ±15 V (Dual Supply) | | **Accuracy** | ±1% of $I_{pn}$ | | **Linearity** | < ±1% | | **Frequency Bandwidth** | DC to 50 kHz | --- ### 2. Core Electronic Components & Architecture The device functions using the **Hall Effect** principle. Inside the HAS-51-R/Q housing, you will find the following internal components: 1. **Magnetic Core (Toroid/Ring):** A soft ferromagnetic core that concentrates the magnetic flux generated by the primary current. 2. **Hall Element:** A thin semiconductor wafer placed in the air gap of the magnetic core. It generates a small voltage (Hall voltage) proportional to the magnetic flux. 3. **Signal Conditioning Circuitry:** * **Differential Amplifier:** Amplifies the millivolt-level Hall voltage. * **Offset Compensation:** Trimming resistors or active circuits to ensure $0$ V output when there is $0$ A input. * **Temperature Compensation:** Ensures the sensitivity remains stable across the operating temperature range (usually -10°C to +80°C). --- ### 3. Pinout Configuration The sensor usually features a 4-pin interface for PCB mounting: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $+V_c$ | Positive supply voltage (+15V) | | **2** | $-V_c$ | Negative supply voltage (-15V) | | **3** | **Output** | Measurement signal (±4V) | | **4** | **0V** | Common ground / Reference | --- ### 4. Key Advantages * **Galvanic Isolation:** The measuring circuit is electrically isolated from the high-power primary circuit, ensuring safety and protecting low-voltage logic (like Arduinos or PLCs). * **Low Power Consumption:** Being an open-loop sensor, it consumes less current than closed-loop versions. * **No Insertion Loss:** Since the wire simply passes through the hole, there is no voltage drop added to the primary circuit. --- ### 5. Application Areas * **Variable Speed Drives:** Monitoring motor current. * **Uninterruptible Power Supplies (UPS):** Managing battery charge/discharge cycles. * **Welding Power Supplies:** Controlling high-current output. * **Renewable Energy:** Monitoring solar string inverters.
    ✨ Follow-up Questions
    • ⤷What is the difference between open-loop and closed-loop Hall Effect sensors?
    • ⤷ How do I calculate the output voltage for a specific current reading?
    • ⤷ Can this sensor be used with a single-supply 5V microcontroller?