データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAS-66-R

  • AI
    The **HAS-66-R** is a specific model within the **HAS Series** of open-loop Hall Effect current sensors, typically manufactured by companies like **LEM** or **TAMURA**. These components are designed to measure DC, AC, and pulse currents without physical contact with the conductor. --- ## 1. Technical Specifications The "66" in the part number usually refers to the nominal current rating or a specific sensitivity range. Below are the typical electronic characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Open Loop Hall Effect | | **Nominal Current ($I_{pn}$)** | 50A - 100A (Model dependent) | | **Measuring Range** | $\pm 3 \times I_{pn}$ | | **Supply Voltage ($V_c$)** | $\pm 15$ V DC ($\pm 5\%$) | | **Output Voltage ($V_{out}$)** | $\pm 4$ V at $I_{pn}$ | | **Linearity** | $< \pm 1\%$ of $I_{pn}$ | | **Frequency Bandwidth** | DC to 50 kHz | | **Isolation Voltage** | 3 kV AC / 50 Hz / 1 min | --- ## 2. Key Electronic Components & Working Principle The HAS-66-R operates using the **Hall Effect** principle. The internal circuitry consists of several critical stages: ### A. Magnetic Core A high-permeability magnetic ring surrounds the primary conductor. It concentrates the magnetic flux generated by the current flowing through the wire. ### B. Hall Generator A thin semiconductor (the Hall element) is placed in a gap in the magnetic core. When current flows through the primary wire, the magnetic field exerts a force on the charge carriers in the semiconductor, creating a small voltage (Hall Voltage). ### C. Signal Conditioning Circuit Because the raw Hall voltage is very small and sensitive to temperature, the internal electronics include: 1. **Differential Amplifier:** Boosts the millivolt signal to a usable 0–4V range. 2. **Temperature Compensation:** Ensures the sensor remains accurate despite heat generated by high currents. 3. **Output Driver:** Provides a low-impedance output for connection to ADCs or Microcontrollers. --- ## 3. Pinout and Connection Logic The sensor usually features a 4-pin interface: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $+V_c$ | Positive Supply (+15V) | | **2** | $-V_c$ | Negative Supply (-15V) | | **3** | $Output$ | Measuring signal (Voltage) | | **4** | $0V$ | Ground / Common | --- ## 4. Applications The HAS-66-R is commonly found in industrial electronics requiring non-intrusive current monitoring: * **Variable Speed Drives:** Monitoring motor current. * **Welding Machines:** Controlling output DC current. * **Battery Management Systems (BMS):** Tracking charge/discharge cycles. * **Uninterruptible Power Supplies (UPS):** Load monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between open-loop and closed-loop Hall Effect sensors?
    • ⤷ Can the HAS-66-R be powered by a single +5V supply instead of +/-15V?
    • ⤷ How do I calculate the primary current based on the 4V output signal?