AI

The **HAS-D2-R** is a high-speed, high-resolution digital monochrome camera manufactured by **Ditect Corporation**. It is designed specifically for motion analysis, research, and industrial inspection where capturing rapid movements in high detail is critical.
---
## 1. Core Electronic Components & Specifications
The electronic architecture of the HAS-D2-R revolves around its high-performance CMOS sensor and high-bandwidth data interface.
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | High-sensitivity CMOS Image Sensor |
| **Resolution** | 2.0 Megapixels (2048 x 1080 pixels) |
| **Max Frame Rate** | 2,000 fps at full resolution (higher at reduced AOI) |
| **Interface** | USB 3.0 (SuperSpeed) |
| **Shutter System** | Global Electronic Shutter |
| **Internal Memory** | Built-in high-speed buffer for frame capture |
| **Bit Depth** | 10-bit / 12-bit Analog-to-Digital conversion |
---
## 2. Detailed Technical Breakdown
### A. The Sensor Engine
Unlike standard cameras, the HAS-D2-R utilizes a **Global Shutter**.
* **Electronic Function:** It exposes all pixels simultaneously rather than row-by-row (Rolling Shutter). This eliminates "jello effect" or spatial distortion when recording high-velocity objects like fan blades or projectiles.
* **Sensitivity:** The sensor is optimized for low-light conditions, which is crucial because at 2,000 frames per second, the exposure time per frame is extremely short (micro-seconds).
### B. Data Processing & Connectivity
* **USB 3.0 Bus:** The electronics utilize the USB 3.0 protocol for power and data. This allows for a "Plug-and-Play" setup without the need for expensive frame grabber cards.
* **FPGA Control:** Internally, the camera likely uses a Field Programmable Gate Array (FPGA) to handle real-time image processing, triggering logic, and memory management before sending data to the PC.
* **Synchronization (I/O):** The camera features external trigger ports (TTL level). This allows the electronics to sync with other cameras (Multi-camera setups) or external sensors (strobe lights, PLCs).
### C. Physical Integration
* **Mounting:** Uses a standard **C-mount** interface for optical lenses.
* **Housing:** Compact aluminum casing designed to act as a heat sink for the high-speed processing electronics.
---
## 3. Comparison of Resolution vs. Speed
The electronics allow for trade-offs between the Area of Interest (AOI) and the capture speed:
| Resolution (Pixels) | Max Frames Per Second (FPS) |
| :--- | :--- |
| 2048 x 1080 | 2,000 fps |
| 1024 x 1024 | 4,000 fps |
| 512 x 512 | 15,000 fps |
| 2048 x 8 | 100,000+ fps |
- ⤷
What is the maximum recording duration of the HAS-D2-R at full resolution?
- ⤷ Does this camera support external triggering for synchronized multi-camera setups?
- ⤷ What are the power requirements for the HAS-D2-R via the USB 3.0 interface?