データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAS-G6-R

  • AI
    The **HAS-G6-R** is a specific electronic component, typically identified as a **Hall Effect Current Sensor** manufactured by **LEM**. It is designed for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic interface). --- ### 1. Key Technical Specifications The "G6" in the series often refers to specific sensitivity or aperture configurations, while the "R" suffix usually denotes a specific mounting style or RoHS compliance. | Parameter | Typical Value / Range | | :--- | :--- | | **Sensor Type** | Open Loop Hall Effect | | **Primary Nominal Current ($I_{pn}$)** | 600 A (typical for G6 series) | | **Measuring Range** | Up to $\pm$ 900 A | | **Supply Voltage ($V_c$)** | $\pm$ 15 V (Dual Supply) | | **Output Signal** | Analog Voltage (typically $\pm$ 4V at $I_{pn}$) | | **Accuracy** | $\pm$ 1% of $I_{pn}$ | | **Frequency Bandwidth** | DC to 50 kHz | --- ### 2. Internal Electronic Components The device is an integrated module containing several critical sub-systems: * **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary conductor. * **Hall Generator:** A semiconductor thin-film element placed in the air gap of the magnetic core. It produces a voltage proportional to the magnetic flux density ($B$). * **Signal Conditioning Circuitry:** * **Operational Amplifiers:** To boost the millivolt-level signal from the Hall element. * **Temperature Compensation:** Internal resistors and diodes to offset thermal drift. * **Voltage Regulator:** Ensures stable operation despite minor fluctuations in the $\pm$15V supply. --- ### 3. Pinout and Connection Interface The electronic interface usually consists of a 4-pin Molex or similar connector: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $+V_c$ | Positive Supply (+15V) | | **2** | $-V_c$ | Negative Supply (-15V) | | **3** | **Output** | Analog voltage proportional to current | | **4** | **0V** | Ground / Common Reference | --- ### 4. Implementation Logic The electronic operation follows this workflow: 1. **Current Flow:** Primary current flows through the center aperture. 2. **Magnetic Induction:** The core creates a magnetic field. 3. **Hall Effect:** The Hall sensor detects the field and outputs a small voltage ($V_h$). 4. **Amplification:** The internal electronics scale $V_h$ to a standard 0-4V range for use with PLCs, Microcontrollers, or Data Acquisition systems.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using an Open Loop sensor like the HAS-G6-R over a Closed Loop sensor?
    • ⤷ How do you calculate the output voltage for a specific current reading on this device?
    • ⤷ What are the common causes of offset error in Hall Effect current sensors?