データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HAS-H6-R

  • AI
    The **HAS-H6-R** is a high-precision, industrial-grade current sensor manufactured by **LEM**. It belongs to the HAS series, which utilizes **Open Loop Hall Effect** technology to measure DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control). ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 600 A | | **Primary Current Measuring Range** | 0 to ±900 A | | **Supply Voltage ($V_c$)** | ±15 V (±5%) | | **Output Voltage ($V_{out}$)** | ±4 V (at $I_{pn}$) | | **Accuracy** | ±1% of $I_{pn}$ | | **Linearity** | < ±1% of $I_{pn}$ | | **Frequency Bandwidth** | DC to 50 kHz | --- ### 2. Internal Electronic Components & Operation The HAS-H6-R functions through a specific arrangement of electronic sub-systems: 1. **Magnetic Core:** A soft magnetic ring that concentrates the magnetic field generated by the primary conductor passing through the center aperture. 2. **Hall Effect Generator:** A semiconductor sensor placed in the air gap of the magnetic core. It produces a small voltage proportional to the magnetic flux density. 3. **Signal Conditioning Circuitry:** * **Amplifier:** Steps up the milli-volt signal from the Hall sensor to the standard ±4V output. * **Temperature Compensation:** Internal resistors and thermistors offset the drift caused by ambient temperature changes. 4. **Galvanic Isolation:** The design ensures no electrical connection exists between the high-current cable (primary) and the sensor's output pins (secondary), protecting sensitive microcontrollers. --- ### 3. Pin Configuration and Connection The device typically features a 4-pin connector or terminal for its electronic interface: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $+V_c$ | Positive Supply (+15V) | | **2** | $-V_c$ | Negative Supply (-15V) | | **3** | Output | Measurement signal (proportional to current) | | **4** | 0V | Ground/Common Reference | --- ### 4. Typical Applications Due to its high amperage rating (600A), the HAS-H6-R is used in heavy-duty electronics: * **Variable Speed Drives (VFDs):** Monitoring motor current for torque control. * **Uninterruptible Power Supplies (UPS):** Managing battery discharge levels. * **Welding Machines:** Ensuring stable output current for arc welding. * **Renewable Energy:** Inverters for solar arrays or wind turbines. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between Open Loop and Closed Loop Hall Effect sensors?
    • ⤷ How do I calibrate the HAS-H6-R for zero-point offset?
    • ⤷ What is the maximum operating temperature for this specific LEM sensor?