データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HC2-2R2TR-R

  • AI
    ## Overview of the HC2-2R2TR-R The **HC2-2R2TR-R** is a high-performance, high-current power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It is part of the **HC2 series**, which is specifically designed for high-frequency energy storage and filtering applications. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 2.2 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 33.0 Amperes | | **Saturation Current (Isat)** | 33.0 Amperes | | **DC Resistance (DCR)** | 0.0016 Ohms (1.6 mΩ) Typical | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | SMD (Surface Mount Device) | | **Dimensions** | ~13.5mm x 13.0mm x 10.0mm | --- ### Key Electronic Features 1. **High Current Handling**: Due to its very low DC resistance (DCR), the inductor can handle high RMS currents with minimal self-heating. 2. **Magnetic Shielding**: The HC2 series features a shielded construction, which minimizes electromagnetic interference (EMI) and cross-talk with neighboring components on the PCB. 3. **Flat Wire Construction**: It typically utilizes flat copper wire to maximize the cross-sectional area within a small footprint, contributing to its high current density. 4. **Low Core Loss**: It uses a powdered iron core material optimized for high-frequency switching, reducing energy waste. --- ### Common Applications This component is widely used in power management circuits where high efficiency and high current are required: * **Multi-phase buck regulators**: Found in high-end PC motherboards and servers. * **Voltage Regulator Modules (VRM)**: Used for powering CPUs and GPUs. * **DC-DC Converters**: High-power point-of-load (POL) converters. * **Industrial Electronics**: Battery-powered systems and distributed power architectures. --- ### Part Number Breakdown Understanding the nomenclature helps in identifying similar parts: * **HC2**: Product Series (High Current Inductor, Size 2). * **2R2**: Inductance Value (2.2 microhenries). * **TR**: Tape and Reel packaging. * **-R**: RoHS Compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives for the HC2-2R2TR-R?
    • ⤷ How does saturation current affect the performance of this inductor in a circuit?
    • ⤷ What is the recommended PCB footprint for this SMD component?