データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HC49U-R

  • AI
    ### Overview of the HC49U-R Crystal The **HC49U-R** is a specific type of quartz crystal resonator used to provide a stable clock frequency for electronic circuits. The "HC49U" refers to the physical package style (the metal can), while the "R" often signifies **RoHS compliance** (Restriction of Hazardous Substances), meaning it is lead-free. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Passive Quartz Crystal Resonator | | **Package Style** | HC-49/U (Large, through-hole metal cylinder) | | **Mounting Type** | Through-hole (THT) | | **Frequency Range** | Typically 1.0 MHz to 100 MHz | | **Frequency Tolerance** | Usually ±10ppm to ±50ppm (at 25°C) | | **Frequency Stability** | ±10ppm to ±50ppm (over temp range) | | **Load Capacitance** | Standard values: 18pF, 20pF, 30pF, or Series Resonance | | **Operating Temp** | -20°C to +70°C (Standard) or -40°C to +85°C (Industrial) | --- ### Key Components and Construction The HC49U-R consists of several internal parts designed to protect the quartz wafer and ensure precise vibration: 1. **Quartz Wafer:** A thin slice of quartz cut at a specific angle (usually AT-cut) to determine its vibration frequency. 2. **Electrodes:** Metal layers (usually silver or gold) deposited on both sides of the quartz wafer to apply voltage. 3. **Support Leads:** Internal wires that hold the quartz wafer in place and connect it to the external pins. 4. **Metal Can (Housing):** A hermetically sealed cold-welded or resistance-welded nickel-plated steel cover that protects the crystal from moisture and interference. 5. **Base:** The bottom glass-to-metal seal that keeps the pins insulated from the metal housing. --- ### Comparison: HC49U vs. HC49S It is important to distinguish the "U" (Tall) version from the more common "S" (Short/Surface) version: | Package | Height (Approx.) | Footprint | | :--- | :--- | :--- | | **HC49U (Tall)** | 13.46 mm | Large, through-hole | | **HC49S (Low Profile)** | 3.5 mm | Compact, through-hole or SMD | --- ### Usage Example (Microcontroller Circuit) In most applications, the crystal is paired with two ceramic capacitors (load capacitors) to create an oscillation circuit. ```cpp // Logic Representation of Crystal Usage // MCU Pins: XTAL1 and XTAL2 // Connection: // XTAL1 ---- [Crystal] ---- XTAL2 // | | // [Cap 22pF] [Cap 22pF] // | | // Ground Ground ``` --- ### Applications * **Microprocessors:** Providing the "heartbeat" for CPUs and MCUs. * **Communication Devices:** Used in RF modules, zigbee, and bluetooth for stable carrier frequencies. * **Industrial Controls:** Timing for PLC (Programmable Logic Controllers). * **Legacy Hardware:** Because of its large size and high stability, it is often found in older or high-reliability equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between AT-cut and BT-cut quartz in HC49U crystals?
    • ⤷ How do I calculate the correct load capacitance for an HC49U-R crystal?
    • ⤷ Are there SMD versions of the HC49U package available?