HC8-3R5-R
AI

## Technical Overview: HC8-3R5-R High Current Inductor
The **HC8-3R5-R** is a high-current, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the **HC8 Series**, which is specifically designed for high-density, high-current power applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.5 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~18.5 A (typical) |
| **Saturation Current (Isat)** | ~25.0 A (typical) |
| **DC Resistance (DCR)** | ~3.3 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Dimensions** | 10.9mm x 10.4mm x 4.0mm |
---
### 2. Physical Construction and Features
* **Core Material:** Powdered Iron core technology. This provides excellent energy storage density and soft saturation characteristics (the inductance drops gradually rather than abruptly as current increases).
* **Shielding:** It is a **shielded** design, which minimizes Electromagnetic Interference (EMI) to surrounding components.
* **Rugged Design:** The HC8 series is known for its high-temperature stability and mechanical robustness, making it suitable for demanding environments.
* **RoHS Compliant:** The "-R" suffix at the end of the part number denotes that the component is Lead-Free and RoHS compliant.
---
### 3. Common Applications
The HC8-3R5-R is typically found in high-efficiency power supply circuits, including:
1. **Multi-phase Regulators:** Used in high-end CPU and GPU power delivery.
2. **Voltage Regulator Modules (VRMs):** Found on server and desktop motherboards.
3. **DC-DC Converters:** Point-of-Load (POL) modules for industrial and telecommunications equipment.
4. **Battery Powered Systems:** Where low DCR is critical to maximizing battery life and reducing heat waste.
---
### 4. Circuit Symbol and Footprint
```markdown
(Inductor Symbol)
L1
---( )---
3.5uH
```
* **Polarity:** Inductors are non-polarized components; they can be installed in either direction on the PCB.
* **Footprint Note:** Ensure the PCB pads are large enough to handle the high current (up to 25A) to prevent trace overheating.
---
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended alternatives if the HC8-3R5-R is out of stock?