データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HCE-5B-R

  • AI
    The **HCE-5B-R** is a specific model of an **Electromagnetic Brake** (specifically a Clutched Brake unit or Spring-Applied Brake), often manufactured by companies like **Ogura Clutch** or similar industrial motion control specialists. These parts are integral to industrial automation for stopping and holding rotating shafts. ### 1. Key Electronic & Mechanical Specifications The electronic operation of the HCE-5B-R relies on electromagnetic induction to actuate the friction plates. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromagnetic Spring-Applied Brake | | **Voltage (Standard)** | Typically 24V DC or 90V DC (Model dependent) | | **Power Consumption** | Approx. 15W - 25W (varies by coil winding) | | **Torque Rating** | ~5 Nm (Newton Meters) | | **Response Time** | Fast engagement (milliseconds) | | **Protection Class** | Usually IP40 or higher depending on housing | --- ### 2. Core Electronic Components The device functions through three primary electronic/electromagnetic parts: #### A. The Field Coil (The Electromagnet) The heart of the HCE-5B-R is a copper wire coil encased in a steel housing. When DC current flows through this coil, it creates a magnetic field. * **Function:** In a "Spring-Applied" model, the magnetic field is used to **release** the brake. When power is cut, the magnetic field collapses, and mechanical springs force the friction plates together to stop the load (Fail-safe operation). #### B. The Lead Wires / Connector The electrical interface consists of two lead wires. * **Polarity:** Most DC electromagnetic brakes are non-polarized, meaning you can connect the positive and negative leads to either terminal of the power supply, though specific control circuits (like those with flyback diodes) require consistency. #### C. Arc Suppressor (External Component) While not inside the brake itself, the HCE-5B-R requires an external electronic protection circuit: * **Varistor or Diode:** Because the coil is an inductor, cutting the power creates a high-voltage spike (back-EMF). An external diode or varistor is necessary to protect the switching PLC or Relay from burning out. --- ### 3. Operational Logic The HCE-5B-R follows a **Power-to-Release** logic: 1. **Power OFF:** Internal springs push the armature against the friction disk. The shaft is held stationary (Braking state). 2. **Power ON:** The coil generates magnetism, pulling the armature away from the friction disk against the spring pressure. The shaft is free to rotate (Released state). --- ### 4. Wiring Diagram Representation Below is a simplified representation of how the HCE-5B-R is integrated into a control circuit: ```mermaid graph LR A[DC Power Supply] --> B[Switch/Relay] B --> C[Flyback Diode/Varistor] C --> D[HCE-5B-R Coil] D --> E[Ground/Common] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage requirement for your specific HCE-5B-R unit?
    • ⤷ Do you need a wiring diagram for connecting this brake to a PLC?
    • ⤷ Are you experiencing issues with the brake failing to release when powered?