データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HCE-5F-R

  • AI
    ## Overview of HCE-5F-R The **HCE-5F-R** is a specific model within the **HCE series of Power Inductors**, typically manufactured by companies like **Coilmaster Electronics**. These components are Surface Mount Devices (SMD) designed primarily for high-current power supply applications. --- ### 1. Component Identification The alphanumeric code provides specific details about the part's physical and electrical characteristics: | Part Segment | Meaning | | :--- | :--- | | **HCE** | Series Name (High Current, Shielded Power Inductor) | | **5F** | Size/Dimension Code (Typically ~5.0mm footprint) | | **R** | Specific designator for RoHS compliance or Taping & Reel packaging | --- ### 2. Key Electronic Specifications While exact values (like Inductance) depend on the numeric suffix following the "R" (e.g., HCE-5F-R47), the general characteristics of this series include: * **Type:** Magnetically Shielded. * **Core Material:** Often Carbonyl Powder or Metal Alloy (provides high saturation). * **Operating Temperature:** Generally ranges from **-40°C to +125°C**. * **Frequency Range:** Optimized for high-frequency DC-DC converters (up to 5MHz). ### 3. Electrical Characteristics Table Below is a typical representation of the electrical behavior for this class of component: | Feature | Typical Value / Range | | :--- | :--- | | **Inductance Range** | 0.10µH to 10µH | | **DC Resistance (DCR)** | Very Low (mΩ range) to minimize power loss | | **Saturation Current ($I_{sat}$)** | High (often 5A to 30A depending on size) | | **Tolerance** | $\pm 20\%$ (M) | --- ### 4. Major Applications The HCE-5F-R is engineered for environments where space is limited but power requirements are high: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery. 2. **DC-DC Converters:** Buck, Boost, and SEPIC converters for telecommunications. 3. **Battery Powered Devices:** Laptops and tablets where efficiency and low heat generation are critical. 4. **LED Drivers:** Providing stable current for high-brightness lighting. --- ### 5. Benefits of the "Shielded" Design The HCE-5F-R uses a **magnetically shielded** construction. This is vital for: * **EMI Reduction:** Minimizing electromagnetic interference with nearby components. * **High Density Packing:** Allowing components to be placed closer together on a PCB without cross-talk.
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value for the HCE-5F-R10 variant?
    • ⤷ How does the saturation current of this inductor compare to non-shielded types?
    • ⤷ What are the physical dimensions (LxWxH) of the 5F series package?