HCF1305-2R2-R
AI

## HCF1305-2R2-R Electronic Component Overview
The **HCF1305-2R2-R** is a high-current, shielded drum core power inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the HCF1305 series, designed specifically for high-frequency and high-density power applications.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 18.5 Amperes |
| **Saturation Current (Isat)** | 28.0 Amperes |
| **DC Resistance (DCR)** | 3.5 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Dimensions** | 12.8mm x 12.5mm x 5.0mm |
---
### Key Features
1. **High Current Density:** Capable of handling significant current relative to its physical footprint.
2. **Magnetic Shielding:** The design minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
3. **Low DCR:** The low DC resistance ensures minimal power loss and reduced heat generation during operation.
4. **Ferrite Core Material:** Provides stable performance across a wide range of frequencies.
### Common Applications
The HCF1305-2R2-R is typically found in power management circuits where high efficiency is critical:
* **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters.
* **Voltage Regulator Modules (VRMs):** Found in servers and high-performance computing hardware.
* **Battery Powered Systems:** Ideal for portable electronics requiring efficient power conversion.
* **Distributed Power Systems:** Used in industrial and telecommunications infrastructure.
---
### Component Footprint Example
While footprints vary by CAD software, the physical layout generally adheres to these dimensions:
```markdown
L: 12.8mm (+/- 0.3)
W: 12.5mm (+/- 0.3)
H: 5.0mm (Max)
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there recommended substitutes with similar footprints?
- ⤷ How does the temperature affect the inductance of the HCF1305 series?