HCM1305-2R2-R
AI

## HCM1305-2R2-R Technical Overview
The **HCM1305-2R2-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the HCM series, which is specifically designed to handle high transient current spikes and provide low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 5.5 mΩ (Typical) / 6.6 mΩ (Max) |
| **Rated Current (Irms)** | 15.5 A |
| **Saturation Current (Isat)** | 20 A |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 13.8mm x 12.5mm x 5.0mm (Surface Mount) |
---
### 2. Core Features and Construction
* **High Current Handling:** The inductor is designed to manage significant power levels, making it ideal for DC-DC converters and high-current power supplies.
* **Magnetically Shielded:** The part features an iron powder core construction. This provides effective magnetic shielding, which minimizes EMI and prevents the inductor from interfering with nearby sensitive components.
* **Low Core Loss:** The materials used are optimized for efficiency, reducing energy waste through heat during high-frequency switching.
* **Automotive Grade:** It is **AEC-Q200 Grade 1** qualified, meaning it has passed rigorous stress tests for reliability in harsh automotive environments (vibration, thermal shock, etc.).
---
### 3. Application Areas
The HCM1305-2R2-R is commonly found in the following systems:
1. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS), infotainment, and LED lighting.
2. **Voltage Regulator Modules (VRM):** Used in multi-phase regulators for CPUs and GPUs.
3. **Industrial Power Supplies:** High-efficiency DC-DC converters and point-of-load (POL) modules.
4. **Battery Powered Systems:** Where low DCR is critical to extending battery life.
---
### 4. Part Number Breakdown
| Prefix | Size Code | Inductance Value | RoHS Compliance |
| :--- | :--- | :--- | :--- |
| **HCM** | **1305** | **2R2** | **-R** |
| High Current Series | 13mm x 5mm approx | 2.2 Microhenries | RoHS Compliant |
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with lower DCR in the HCM series?
- ⤷ How does temperature affect the inductance of the HCM1305-2R2-R?