データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HCTS393D

  • AI
    ## Overview of HCTS393D The **HCTS393D** is a High-Speed CMOS (HCTS) **Dual 4-Bit Binary Ripple Counter**. It belongs to a specialized family of radiation-hardened integrated circuits, primarily designed for aerospace, satellite, and military applications where high reliability and resistance to radiation effects are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | HCTS (High-Speed CMOS) | | **Function** | Dual 4-Bit Binary Ripple Counter | | **Voltage Range** | 4.5V to 5.5V | | **Clock Frequency** | Up to 25 MHz (typical at 5V) | | **Package Type** | CERDIP (Ceramic Dual In-line Package) | | **Operating Temp** | -55°C to +125°C | | **Radiation Hardness** | Total Dose: $1 \times 10^5$ RAD(Si) | --- ### Internal Functional Block Details The HCTS393D contains two independent 4-bit counters in a single package. Each counter consists of four master-slave flip-flops internally connected to provide a divide-by-two, divide-by-four, divide-by-eight, and divide-by-sixteen counting sequence. #### 1. Pin Configuration Features * **CP (Clock Pulse):** The counter increments on the High-to-Low (negative-going) transition of the clock input. * **MR (Master Reset):** An active-high reset. When MR is high, all four stages of the counter are cleared to a logical low (0), regardless of the clock input. * **Outputs (Q0-Q3):** These provide the binary count. Q0 is the Least Significant Bit (LSB), and Q3 is the Most Significant Bit (MSB). #### 2. Ripple Counter Architecture Because it is a "Ripple Counter," the clock for the second stage is driven by the output of the first stage. This means the stages do not change state simultaneously (asynchronous). While this simplifies the internal circuitry, it introduces a small propagation delay between each output bit. --- ### Radiation Hardening Features The "HCTS" designation indicates specific enhancements for harsh environments: * **Latch-Up Immunity:** Designed to prevent Single Event Latch-up (SEL) caused by heavy ions. * **Total Ionizing Dose (TID):** Tested to maintain functionality after exposure to high levels of radiation. * **SEU Resilience:** Built with geometries that minimize Single Event Upsets (bit flips). --- ### Typical Application Diagram (Logic Representation) ```text Counter 1 Counter 2 +---------------+ +---------------+ ---| CP1 Q01 |--- ---| CP2 Q02 |--- | Q11 |--- | Q12 |--- ---| MR1 Q21 |--- ---| MR2 Q22 |--- | Q31 |--- | Q32 |--- +---------------+ +---------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ripple counter like the HCTS393 and a synchronous counter?
    • ⤷ How does the 'HCTS' logic family differ from standard '74HC' series components?
    • ⤷ Can two HCTS393 counters be cascaded to create an 8-bit counter?