データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HDL-24-R

  • AI
    The **HDL-24-R** is a specific type of high-density logic or interface module, most commonly associated with **industrial automation (PLCs)** or **LED display control systems** (such as those by Huidu or similar manufacturers). Below is a breakdown of the electronic components and functional specifications typically found in this module. --- ### 1. Core Specifications Table | Feature | Specification Details | | :--- | :--- | | **Output Type** | 24-channel High-Density Interface | | **Interface Port** | HUB75 / HUB75E Standard | | **Max Loading Capacity** | Typically 512 x 512 pixels (varies by controller) | | **Input Voltage** | +3.3V to +5V DC | | **Data Transmission** | Parallel or Serial LVDS (depending on host) | --- ### 2. Key Electronic Components The PCB of an HDL-24-R usually consists of several critical stages to ensure signal integrity across all 24 ports: #### A. Buffer ICs (Line Drivers) * **Function:** Because one controller must drive 24 separate outputs, the signal would weaken without amplification. * **Common Parts:** 74HC245 or 74HC541 octal bus transceivers. These chips isolate the main processor from the output ports and provide the necessary current to drive long ribbon cables. #### B. Data Connectors (HUB75) * **Structure:** 2x8 pin headers arranged in a grid. * **Pinout:** Includes RGB data lines (R1, G1, B1, R2, G2, B2), Clock (CLK), Latch (LAT), Enable (OE), and Address lines (A, B, C, D, E). #### C. Power Management Section * **Filter Capacitors:** Electrolytic and ceramic capacitors (e.g., 10uF and 0.1uF pairs) are placed near each buffer IC to suppress high-frequency noise and prevent voltage drops during high-speed switching. * **Protection:** Often includes TVS diodes or Resistor Networks (RPacks) to protect against Static Discharge (ESD) when plugging/unplugging cables. --- ### 3. Signal Flow Logic 1. **Input:** The module receives a high-speed data stream from a Master Sending Card or FPGA via a high-density connector (like a 120-pin Hirose or similar). 2. **Demultiplexing:** The logic distributes the serial pixel data into 24 parallel streams. 3. **Level Shifting:** If the internal logic operates at 3.3V, the buffer ICs shift the signal to a stable 5V for the LED panels. 4. **Output:** The data is pushed through the HUB75 ports to the LED modules. --- ### 4. Implementation Considerations * **Heat Dissipation:** With 24 channels active, the buffer chips can generate modest heat. High-quality HDL-24-R boards use multi-layer PCBs with internal ground planes to act as a heat sink. * **Refresh Rate:** The electronic design limits the maximum refresh rate. If the trace lengths for all 24 ports are not impedance-matched, "ghosting" or "flicker" may occur on the display. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between HUB75 and HUB75E used in this module?
    • ⤷ How does the HDL-24-R handle signal synchronization across all 24 channels?
    • ⤷ What is the maximum cable length supported by the buffer ICs on this board?