データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HDM64GS12-R

  • AI
    ## Overview of HDM64GS12-R The **HDM64GS12-R** is a monochrome Graphic Liquid Crystal Display (LCD) module manufactured by Hantronix. It is widely used in industrial equipment, medical devices, and handheld instruments due to its high contrast and low power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Format** | 128 x 64 Dots | | **LCD Type** | STN (Super-Twisted Nematic) | | **Backlight** | LED (Typically Yellow-Green) | | **Controller** | Built-in KS0107 / KS0108 (or equivalent) | | **Interface** | 8-bit Parallel | | **Driving Method** | 1/64 Duty Cycle | | **Operating Voltage** | 5V (Typical) | --- ### 2. Internal Electronic Architecture The module is composed of several critical electronic components that handle logic, driving, and power: #### A. The Controller (KS0108 or Compatible) The module utilizes a common chipset architecture where the **KS0108** acts as the controller. - It does not have a built-in character generator; it treats the display as a grid of pixels. - It manages the **Display Data RAM (DDRAM)** where the image state is stored. #### B. The Drivers (KS0107) While the KS0108 handles logic, the **KS0107** serves as the 64-channel common driver. Together, they manage the multiplexing required to refresh the 128x64 grid without requiring a pin for every single pixel. #### C. Negative Voltage Generation To achieve the necessary contrast for STN technology, the module requires a negative voltage (usually around -10V to -5V relative to VSS). Most versions of this module include an **on-board DC-DC converter** to generate this negative voltage from the 5V input. --- ### 3. Pinout Configuration The HDM64GS12-R typically uses a 20-pin interface. Below is a breakdown of the primary signal groups: | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | **VSS** | Ground (0V) | | 2 | **VDD** | Supply Voltage (+5V) | | 3 | **VO** | Contrast Adjustment (Operating Voltage for LCD) | | 4 | **D/I** | Data / Instruction Register Select | | 5 | **R/W** | Read / Write Signal | | 6 | **E** | Enable Signal (Latch data on falling edge) | | 7-14 | **DB0-DB7** | 8-bit Data Bus | | 15-16 | **CS1 / CS2** | Chip Selects (Each controls a 64x64 half of the screen) | | 17 | **RST** | Reset Signal (Active Low) | | 18 | **VEE** | Negative Voltage Output (from internal generator) | | 19-20 | **A / K** | LED Backlight Anode (+) and Cathode (-) | --- ### 4. Interfacing Logic To display an image, the host microcontroller (MCU) must communicate via an 8-bit parallel protocol. Because the 128x64 display is electronically split into two 64x64 zones, the code must toggle **CS1** and **CS2** to address the full width of the screen. ```c // Example Logic for selecting the left side of the display void select_left_half() { digitalWrite(CS1, HIGH); digitalWrite(CS2, LOW); } ``` --- ### 5. Essential External Components To make the HDM64GS12-R functional, you usually need: 1. **Potentiometer (10k - 20k Ω):** Connected between VDD and VEE, with the wiper connected to **VO** to manually adjust the display contrast. 2. **Current Limiting Resistor:** For the LED backlight (Pins 19/20) to prevent burnout, typically 10-100 Ω depending on desired brightness.
    ✨ Follow-up Questions
    • ⤷ How do I wire a potentiometer to the HDM64GS12-R for contrast control?
    • ⤷ What is the difference between the KS0108 and ST7920 controllers?
    • ⤷ Can this display be interfaced with a 3.3V microcontroller like an ESP32?