データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HDP220-R01JB

  • AI
    ## Overview of HDP220-R01JB The **HDP220-R01JB** is a high-power, thick film power resistor designed in a TO-220 style package. It is engineered for applications requiring high precision and significant power dissipation within a small footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.1 $\Omega$ (indicated by "R01") | | **Tolerance** | $\pm5\%$ (indicated by "J") | | **Power Rating** | 20 Watts (with appropriate heatsink) | | **Package Type** | TO-220 | | **Technology** | Thick Film on Alumina Substrate | | **Temperature Coefficient** | Typically $\pm$250 ppm/°C (varies by specific sub-series) | --- ### 2. Physical and Material Characteristics * **Internal Construction:** The resistive element consists of a thick film paste fired onto an alumina ceramic substrate. This substrate is mounted to a copper tab to facilitate heat transfer. * **Encapsulation:** The body is molded with a high-temperature epoxy resin that provides electrical insulation and environmental protection. * **Mounting:** It features a single hole for bolt-down mounting. Because this is a high-power component, **thermal interface material (TIM)** and a heatsink are mandatory to achieve the rated 20W power dissipation. --- ### 3. Part Number Breakdown Understanding the nomenclature helps identify the exact specs: | Code Segment | Meaning | | :--- | :--- | | **HDP220** | Series designation (High Power, TO-220 package) | | **R01** | Resistance value (0.1 Ohms) | | **J** | Tolerance code (J = $\pm5\%$, F = $\pm1\%$) | | **B** | Packaging style (Bulk) | --- ### 4. Typical Applications The HDP220-R01JB is commonly found in the following electronic circuits: 1. **Current Sensing:** Due to its low resistance (0.1 $\Omega$), it is used to measure current by monitoring the voltage drop across it. 2. **Snubber Circuits:** Used in power supplies to absorb energy spikes and protect switching transistors. 3. **Dummy Loads:** Acting as a load for testing power amplifiers or power supplies. 4. **Inrush Current Limiting:** Protecting sensitive components from high initial currents during power-up. --- ### 5. Implementation Notes ```markdown * WARNING: Do not operate this component at its rated 20W without a heatsink. * Without cooling, the power rating drops significantly (usually to around 2W). * Ensure the metal tab is electrically isolated if the heatsink is grounded, as the internal ceramic provides insulation but the tab is the primary thermal path. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the HDP220 series?
    • ⤷ How do I calculate the heatsink size needed for 15W dissipation?
    • ⤷ Are there 1% tolerance versions of this resistor available?